Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 12 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT8338
12
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
The input synchronization clock signal can be square
wave, triangle wave, or sinusoidal wave. The input signal
should have valleys that are below 1V and peaks above 2V.
The minimum duration time that the input signal ampli-
tude stays higher than the 2V threshold and lower than
the 0.8V threshold, should be no less than 30ns.
Frequency Spread Spectrum Modulation
The LT8338 features spread spectrum operation to further
reduce EMI/EMC emissions. The user can select frequency
spectrum modulation with Burst Mode operation by con-
necting the SYNC/MODE pin to ground through a 100k
resistor, or frequency spread modulation with pulse-skip-
ping operation by connecting the SYNC/MODE pin to
INTVCC. When frequency spectrum modulation is selected
and the converter operates at heavy load, the triangu-
lar frequency modulation varies the switching frequency
between the value programmed by RT to approximately
14% higher than that value. The modulation frequency
is approximately 0.42% of the switching frequency. For
example, when the LT8338 is programmed to 2MHz, the
frequency will vary from 2MHz to 2.3MHz at a 9kHz rate.
When operating at light load, frequency spread spectrum
modulation is more effective in pulse-skipping mode than
in Burst Mode operation, due to the fact that pulse-skip-
ping operation maintains the switching frequency with
spread spectrum down to a much lower load current com-
pared to Burst Mode operation.
CTRL Resistor Network
The output voltage is internally set as shown in Equation 2.
VOUT = VCTRL • 18
(2)
Typically, the CTRL pin voltage is programmed with a
resistor divider between the INTVCC and ground (refer to
the Block Diagram).
1% resistors are recommended to maintain output voltage
accuracy. The current flowing in the divider acts as a load
current of the internal LDO and will increase the no-load
input current to the converter. If low input quiescent cur-
rent and good light-load efficiency are desired, use large
resistor values for the CTRL resistor divider.
VIN to VOUT PassThru Mode Operation
When VIN rises above the regulated VOUT voltage pro-
grammed by the CTRL pin voltage, the LT8338 boost con-
verter enters PassThru operation, where the synchronous
power switch MTOP (refer to the Block Diagram) is kept
on continuously and power switch MBOT is kept off con-
tinuously. An internal charge pump circuit is activated to
deliver sufficient current to the boost capacitor (CBST)
to maintain the MTOP’s gate drive voltage. In PassThru
mode VOUT is essentially shorted to VIN by the inductor
and power switch. When VIN falls below VOUT voltage, or
the inductor conducts more than 300mA current from
VOUT to VIN, LT8338 exits PassThru mode operation. If
VOUT is lower than the desired voltage, the normal boost
switching operation resumes.
Switching Frequency Foldback when VIN
Approaches VOUT
In some boost applications, VIN may rise to a voltage very
close to VOUT. When this occurs, the switching regulator
must operate at very low duty cycle to keep VOUT in reg-
ulation. However, the minimum on-time limitation may
prevent the switcher from attaining a sufficiently low duty
cycle at the programmed switching frequency; as a result
a typical boost converter may experience a large output
ripple. LT8338 addresses this issue by adopting a switch-
ing frequency foldback function to smoothly decrease the
switching frequency when its minimum on-time starts
to limit the switcher from attaining a sufficiently low
duty cycle. The typical switching waveforms when VIN
approaches VOUT are shown in the Typical Performance
Characteristics section.
Soft-Start
High peak switch currents during start-up may occur
in switching regulators. Since VOUT is far from its final
value, the feedback loop is saturated and the regulator
tries to charge the output capacitor as quickly as possible,
resulting in large peak currents. A large surge current may
cause inductor saturation or power switch failure.
The LT8338 utilizes a soft-start function to limit peak
switch currents and output voltage (VOUT) overshoot
during start-up or recovery from a fault condition to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com