Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices LT8335 Datasheet HTML 18Page - Analog Devices LT8335 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT8338
15
Rev. 0
For more information www.analog.com
The output capacitor, along with the inductor and input
capacitor, should be placed on the same side of the circuit
board, and their connections should be made on that layer.
Place a local, unbroken power ground plane under the
application circuit on the layer closest to the surface layer.
The SW and BST nodes should be as small as possible.
Keep the CTRL and RT nodes small so that the ground
traces will shield them from the noise generated by the
SW and BST nodes. The exposed pad on the bottom of
the package should be soldered to GND to reduce ther-
mal resistance to ambient temperature. To keep thermal
resistance low, extend the power ground plane from GND
as much as possible and add thermal vias to additional
power ground planes within the circuit board and on the
bottom side.
Thermal Considerations
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8338. The power ground
plane should consist of large copper layers with thermal
vias; these layers spread heat dissipated by the LT8338.
Placing additional vias can reduce thermal resistance
further. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction temperature rating. Power dissipation within the
LT8338 can be estimated by calculating the total power
loss from an efficiency measurement and subtracting the
inductor loss. The junction temperature can be calculated
by multiplying the total LT8338 power dissipation by the
thermal resistance from junction to ambient and adding
the ambient temperature. The LT8338 includes internal
overtemperature protection that is intended to protect
the device during momentary overload conditions. The
overtemperature protection triggers the internal soft-start
when junction temperature exceeds 170°C. The maximum
rated junction temperature is exceeded when this protec-
tion is active. Continuous operation above the specified
absolute maximum operating junction temperature (see
Absolute Junction Ratings section) may impair device
reliability or permanently damage the device.
Figure 4. A Recommended PCB Layout for the LT8338
APPLICATIONS INFORMATION
8338 F04
C4
RSM
C2
C1
C3
L
1
VIN
2
BST
3
SW
4
SW
5
VOUT
10 INTVCC
9
CTRL
8
EN/
UVLO
7
RT
6 SYNC/
MODE
RT
R3
R4
R1
R2
GND
11
0805
0805
0805
0402
0402
0402
0402
0402
0402
0402
0402
0402
0805
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com