Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8335
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices LT8335 Datasheet HTML 18Page - Analog Devices LT8335 Datasheet HTML 19Page - Analog Devices LT8335 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT8338
18
Rev. 0
For more information www.analog.com
Conducted EMI Performance (CISPR25 Class 5 Peak)
4V to 16V Input, 24V Output Micropower Synchronous Boost Converter with SSFM
TYPICAL APPLICATION
Conducted EMI Performance (CISPR25 Class 5 Average)
Radiated EMI Performance (CISPR25 Class 5 Peak)
Radiated EMI Performance (CISPR25 Class 5 Average)
VOUT
VIN
EN/UVLO
VIN
SW
SYNC/MODE
INTVCC
CTRL
BST
VOUT
GND
RT
LT8338
R1
953k
R2
1MEG
C11
0.01µF
R6
40.2k
R5
100k
C8
0.1µF
C6
0.1µF
R3
1MEG
R4
432k
C12
33µF
L1
4.7µH
C7
4.7µF
C1
0.1µF
C13
0.1µF
C14
0.1µF
FB2
0.47µH
C15
0.1µF
C3
10µF
C5
10µF
C9
2.2µF
(4V TO
16V)
(24V)
340mA
AT 12V
VIN
2.20MHz
8338 TA06a
INPUT EMI FILTER
OUTPUT EMI FILTER
L1: WURTH ELEKTRONIK 74438336047
C1/C13/C14/C15: MURATA GRM155R62A104KE14D
C3/C5: TAIYO YUDEN UMK325C7106KM-P
FB1: WURTH ELEKTRONIK 74479876147
FB2: WURTH ELEKTRONIK 742792040
C6: TDK CGA3E2X7R1H104K
C7: AVX 12065C475KAT2A
C12: SUN ELECTRONIC INDUSTRIES CORP 50CE33BS
+
FB1
0.47µH
CLASS 5 PEAK LIMIT
LT8338 2.2MHz FSW PEAK EMI
FREQUENCY (MHz)
0.1
1
10
30
–20
–10
0
10
20
30
40
50
60
70
80
8338 TA06b
12V INPUT TO 24V OUTPUT AT 340mA, FSW = 2.2MHz
CLASS 5 AVERAGE LIMIT
LT8338 2.2MHz FSW AVERAGE EMI
FREQUENCY (MHz)
0.1
1
10
30
–20
–10
0
10
20
30
40
50
60
70
80
8338 TA06c
12V INPUT TO 24V OUTPUT AT 340mA, FSW = 2.2MHz
CLASS 5 PEAK LIMIT
LT8338 2.2MHz FSW PEAK EMI
FREQUENCY (MHz)
0.1
1
10
100
1k
–20
–12
–4
4
12
20
28
36
44
52
60
8338 TA06d
12V INPUT TO 24V OUTPUT AT 340mA, FSW = 2.2MHz
CLASS 5 AVERAGE LIMIT
LT8338 2.2MHz FSW AVERAGE EMI
FREQUENCY (MHz)
0.1
1
10
100
1k
–20
–12
–4
4
12
20
28
36
44
52
60
(CISPR25 Class 5 Average)
8338 TA06e
12V INPUT TO 24V OUTPUT AT 340mA, FSW = 2.2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com