Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  TET2000 Datasheet HTML 1Page - Bel Fuse Inc. TET2000 Datasheet HTML 2Page - Bel Fuse Inc. TET2000 Datasheet HTML 3Page - Bel Fuse Inc. TET2000 Datasheet HTML 4Page - Bel Fuse Inc. TET2000 Datasheet HTML 5Page - Bel Fuse Inc. TET2000 Datasheet HTML 6Page - Bel Fuse Inc. TET2000 Datasheet HTML 7Page - Bel Fuse Inc. TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
TET2000 Series
tech.support@psbel.com
TET
2000
-
12
-
086
x
A
Option Code
Product Family Power Level
Dash
V1 Output
Dash
Width
Airflow
Input
TET Front-End
2000 W
12 V
86 mm
N: Normal1)
R: Reverse2)
A: AC
Blank:
Standard model
1) Rear to front
2) Front to rear
The TET2000-12-086 Series is a fully DSP controlled, highly efficient front-end power supply. It incorporates resonant-soft-switching
technology and interleaved power trains to reduce component stresses, providing increased system reliability and very high
efficiency. With a wide input operating voltage range and minimal linear derating of output power with respect to ambient
temperature, the TET2000-12-86NA maximizes power availability in demanding server, switch, and router applications. The power
supply is fan cooled and ideally suited for server integration with a matching airflow path.
The PFC stage is digitally controlled using a state-of-the-art digital signal processing algorithm to guarantee best efficiency and
unity power factor over a wide operating range.
The DC-DC stage uses soft switching resonant techniques in conjunction with synchronous rectification. An active OR-ing device
on the output ensures no reverse load current and renders the supply ideally suited for operation in redundant power systems.
The always-on +12V standby output provides power to external power distribution and management controllers. Its protection with
an active OR-ing device provides for maximum reliability.
Status information is provided with front-panel LED. In addition, the power supply can be monitored and controlled (i.e. fan speed
setpoint) via I2C communication interface with Power Management Bus protocol. It allows full monitoring of the supply, including
input and output voltage, current, power, and inside temperatures. The same I2C bus supports the bootloader to allow field update
of the firmware in the DSP controllers.
Cooling is managed by a fan, controlled by the DSP controller. The fan speed is adjusted automatically depending on the actual
power demand and supply temperature and can be overridden through the I2C buses.
Logic Signals
V1Sense+
L
+12V
SB
Aux
Converter
GND
V1
Vsb
N
PFC
DC
DC
Digital
Prim
Controls
V1Sense-
I2C
Filter
PE
Communication Bus
Digital
Sec
Controls
EEPROM
FAN
Figure 1. TET2000-12-086 Series Block Diagram
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely affect long-term reliability and
cause permanent damage to the supply.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
MAX
UNITS
Vi maxc
Maximum Input
Continuous
264
VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com