Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  TET2000 Datasheet HTML 1Page - Bel Fuse Inc. TET2000 Datasheet HTML 2Page - Bel Fuse Inc. TET2000 Datasheet HTML 3Page - Bel Fuse Inc. TET2000 Datasheet HTML 4Page - Bel Fuse Inc. TET2000 Datasheet HTML 5Page - Bel Fuse Inc. TET2000 Datasheet HTML 6Page - Bel Fuse Inc. TET2000 Datasheet HTML 7Page - Bel Fuse Inc. TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TET2000 Series
tech.support@psbel.com
Figure 3. Power Factor vs. Load
Figure 4. Power Factor vs. Load
4.3 INPUT UNDER-VOLTAGE
If the RMS value of input voltage (either AC or DC) stays below the input undervoltage lockout threshold
Vi on, the supply will be
inhibited. Once the input voltage returns within the normal operating range, the supply will return to normal operation again.
4.4 POWER FACTOR CORRECTION
Power factor correction (PFC) (see
Figure 3) is achieved by controlling the input current waveform synchronously with the input
voltage. A fully digital controller is implemented giving outstanding PFC results over a wide input voltage and load ranges. The
input current will follow the shape of the input voltage. If for instance the input voltage has a trapezoidal waveform, then the
current will also show a trapezoidal waveform. At DC input voltage the PFC is still in operation, but the input current will be DC
in this case.
4.5 EFFICIENCY
The high efficiency (see
Figure 4) is achieved by using state-of-the-art GaN power devices in conjunction with soft-transition
topologies minimizing switching losses and a full digital control scheme. Synchronous rectifiers on the output reduce the
losses in the high current output path. The rpm of the fan is digitally controlled to keep all components at an optimal
operating temperature regardless of the ambient temperature and load conditions.
0.9
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1
0
200 400 600 800 1000 1200 1400 1600 1800 2000
Po [W]
Vi=230Vac
0.9
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1
0
200 400 600 800 1000 1200 1400 1600 1800 2000
Po [W]
Vi=230Vac,FAN External
Vi=230Vac,FAN Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com