Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 17Page - Bel Fuse Inc. TET2000 Datasheet HTML 18Page - Bel Fuse Inc. TET2000 Datasheet HTML 19Page - Bel Fuse Inc. TET2000 Datasheet HTML 20Page - Bel Fuse Inc. TET2000 Datasheet HTML 21Page - Bel Fuse Inc. TET2000 Datasheet HTML 22Page - Bel Fuse Inc. TET2000 Datasheet HTML 23Page - Bel Fuse Inc. TET2000 Datasheet HTML 24Page - Bel Fuse Inc. TET2000 Datasheet HTML 25Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TET2000 Series
21
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00877_AB
TEMPERATURE AND FAN CONTROL
10.1 FAN CONTROL
To achieve best cooling results sufficient airflow through the supply must be ensured. Do not block or obstruct the air-flow at
the rear of the supply by placing large objects directly at the output connector. The TET2000-12-086NA is provided with a rear
to front airflow, which means the air enters through the DC-output of the supply and leaves at the AC-inlet and TET2000-12-
086RA is reversed. The fan inside of the supply is controlled by a microprocessor. The rpm of the fan is adjusted to ensure
optimal supply cooling and is a function of output power and the inlet temperature.
Figure 40. Airflow Direction
Figure 41. Fan Speed vs. Main Output Load
10.2 TEMPERATURE MONITOR AND OVER TEMPERATURE PROTECTION
The TET2000-12-086 Series provides access via I2C to the measured temperatures of in total 4 sensors within the power
supply, see
Table 10. The microprocessor is monitoring these temperatures and if warning threshold of one of these sensors
is reached it will set fan to maximum speed. If temperatures continue to rise above shut down threshold the main output V1
(or VSB if auxiliary converter is affected) will be disabled. At the same time the warning or fault condition is signalized
accordingly through LED, PWOK and SMB_ALERT_L.
TEMPERATURE
SENSOR
DESCRIPTION / CONDITION
POWER
MANAGEMENT
BUS REGISTER
WARNING
THRESHOLD
SHUT DOWN
THRESHOLD
Inlet air temperature
Sensor located on control board close to DC
end of power supply
0x8D
NA:62.5C
RA:62.5C
NA:65C
RA:65C
Oring Mosfet
Sensor located close to Oring Mosfet
0x8E
NA:90C
RA:105C
NA:95C
RA:110C
Outlet air temperature
Sensor located on main board close to AC
front of power supply
0x8F
NA:80C
RA:85C
NA:85C
RA:90C
PFC&DC-DC heat sink
Sensor located on PFC heat sink and DC-DC
heatsink
NA&RA:130C
Table 10. NA revision Temperature Sensor Location and Thresholds
4000
6000
8000
10000
12000
14000
16000
18000
20000
22000
24000
26000
0%
20%
40%
60%
80%
100%
Output Loading(%)
FanSpeed(RPM) vs Loading(%) & Inlet Tempr(degC)
25degC
35degC
45degC
55degC
RA/Reverse Airflow
NA/Normal Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com