Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 2Page - Bel Fuse Inc. TET2000 Datasheet HTML 3Page - Bel Fuse Inc. TET2000 Datasheet HTML 4Page - Bel Fuse Inc. TET2000 Datasheet HTML 5Page - Bel Fuse Inc. TET2000 Datasheet HTML 6Page - Bel Fuse Inc. TET2000 Datasheet HTML 7Page - Bel Fuse Inc. TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. TET2000 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
TET2000 Series
tech.support@psbel.com
Figure 5. Turn-On AC Line 230VAC, full load (400ms/div)
CH1: VSB (5V/div) CH2: V1 (5V/div)
CH3: PWOK (2V/div) CH4: Vin (250V/div)
Figure 6. Turn-Off AC Line 230VAC, full load (10ms/div)
CH1: VSB (5V/div) CH2: V1 (5V/div)
CH3: PWOK (2V/div) CH4: Vin (250V/div)
Figure 7. Turn-On AC Line 230VAC, full load (4ms/div)
CH1: VSB (2V/div)
Figure 8. Turn-On AC Line 230VAC, full load (2ms/div)
CH2: V1 (2V/div)
Figure 9. VSB Ripple 230VAC, full load (10ms/div)
CH1: VSB (20mV/div)
Figure 10. VSB Ripple 230VAC, full load (10us/div)
CH1: VSB (20mV/div)
Figure 11. V1 Ripple 230VAC, full load (10ms/div)
CH2: V1 (20mV/div)
Figure 12. V1 Ripple 230VAC, full load (2us/div)
CH2: V1 (20mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com