Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 12 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 12 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. TET2000 Datasheet HTML 10Page - Bel Fuse Inc. TET2000 Datasheet HTML 11Page - Bel Fuse Inc. TET2000 Datasheet HTML 12Page - Bel Fuse Inc. TET2000 Datasheet HTML 13Page - Bel Fuse Inc. TET2000 Datasheet HTML 14Page - Bel Fuse Inc. TET2000 Datasheet HTML 15Page - Bel Fuse Inc. TET2000 Datasheet HTML 16Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
TET2000 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
PWOK output
VOL
Output low level voltage
V1 or VSB out of regulation Isink=400
A
0
0.4
V
VOH
Output high level voltage
V1 and VSB in regulation Isource=200
A
2.4
3.46
V
IOL
Maximum Sink Current
PWOK = low
400
A
IOH
Maximum Source Current
PWOK = high
2
mA
RpuPWOK
Recommended external pull up
resistor on PWOK at
VpuPWOK = 3.3 V
VpuPWOK = 5 V
6.8
10
10
15
k
Ω
ACOK output
VOL
Output low level voltage
Isink < 4mA
0
0.4
V
VOH
Output open collector
External pull up VDD
V
RpuACOK
Recommended external pull up
resistor on ACOK at VpuACOK=
3.3V
10
k
Ω
Low level output
Input voltage is not within range
for PSU to operate
High level output
Input voltage is within range for
PSU to operate
8.1.2 PSON_L INPUT
The PSON_L is an internally pulled- up (3.3 V) input signal to enable / disable the main output V1 of the front-end. This active-
low pin is also used to clear any latched fault condition. Figure 26 shows PSON_L circuit used in PSU and proposed
connections.
PSU 1 PDU
PSU 2
3.3V
3.3V
PSU 1 PDU
PSU 2
3.3V
3.3V
PSON_L
PSON_L
PSON_L
PSON_L
10K
10K
10K
10K
Figure 26. PSON_L Connection
8.1.3 SENSE INPUTS
The main output has sense lines implemented to compensate for voltage drop on load wires in both positive and negative
path. The maximum allowed voltage drop is 200 mV on the positive rail and 50 mV on the GND rail.
With open sense inputs the main output voltage will rise by 250 mV. Therefore, if not used, these inputs should be connected
to the power output and GND at the power supply connector. The sense inputs are protected against short circuit. In this
case the power supply will shut down.
8.2 ELECTRICAL CHARACTERISTICS (OUTPUT SIGNALS)
All Output signals versus signal ground SGND in PSU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com