Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 9Page - Bel Fuse Inc. TET2000 Datasheet HTML 10Page - Bel Fuse Inc. TET2000 Datasheet HTML 11Page - Bel Fuse Inc. TET2000 Datasheet HTML 12Page - Bel Fuse Inc. TET2000 Datasheet HTML 13Page - Bel Fuse Inc. TET2000 Datasheet HTML 14Page - Bel Fuse Inc. TET2000 Datasheet HTML 15Page - Bel Fuse Inc. TET2000 Datasheet HTML 16Page - Bel Fuse Inc. TET2000 Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TET2000 Series
13
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00877_AB
SMB_ALERT_L output
VOL
Output low level voltage
Isink < 4 mA
0
0.4
V
VOH
Output open collector
External pull up VDD
V
RpuSMB_ALERT_L
Recommended external pull up
resistor on SMB_ALERT_L at
VpuSMB_ALERT_L= 3.3V
10
k
Ω
Low level output
PSU in warning or failure
condition
High level output
PSU is ok
PRESENT_L output
VOL
Output low level voltage
Isink < 4 mA
0
0.4
V
VOH
N.A
This pin is shorted to SGND in PSU
V
RpuPRESENT _L
Recommended external pull up
resistor on PRESENT_L at
VpuPRESENT_L= 3.3V
10
k
Ω
Low level output
PSU is present
High level output
PSU is not present
Table 4. Output signals
8.2.1 PWOK
PWOK is a power OK signal and will be pulled HIGH by the power supply to indicate that all the outputs are within the regulation
limits of the power supply. When any output voltage falls below regulation limits or when AC power has been removed for a time
sufficiently long so that power supply operation is no longer guaranteed, PWOK will be de-asserted to a LOW state.
Figure 27. PWOK circuit in PSU
8.2.2 ACOK
The ACOK is an open collector output that requires an external pull-up to a maximum of 12V indicating whether the input is within
the range the power supply can use and turn on. A 15V zener diode is added on this signal pin versus signal ground SGND to
protect internal circuits from negative and high positive voltage. The ACOK signal is active-high.
PSU 1 PDU
PSU 2
ACOK0
≥1kΩ
3.3V
ACOK1
≥1kΩ
3.3V
Figure 28. ACOK Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com