Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 4Page - Bel Fuse Inc. TET2000 Datasheet HTML 5Page - Bel Fuse Inc. TET2000 Datasheet HTML 6Page - Bel Fuse Inc. TET2000 Datasheet HTML 7Page - Bel Fuse Inc. TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. TET2000 Datasheet HTML 10Page - Bel Fuse Inc. TET2000 Datasheet HTML 11Page - Bel Fuse Inc. TET2000 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
TET2000 Series
tech.support@psbel.com
5.2 SHORT TIME OVERLOAD
The main output has the capability to allow load current up to 20% above the nominal output current rating for a maximum duration
of 20ms. This allows the system to consume extended power for short time dynamic processes.
Figure 20. Short circuit on V1 (20ms/Div)
CH2: V1 (5V/div) CH4: Vin (100A/div)
5.3 OUTPUT GROUND / CHASSIS CONNECTION
The output return path serves as power and signal ground. All output voltages and signals are referenced to these pins. To prevent
a shift in signal and voltage levels due to ground wiring voltage drop a low impedance ground plane should be used as shown in
Figure 21. Alternatively, separated ground signals can be used as shown in Figure 22. In this case the two ground planes should be
connected at the power supplies ground pins.
NOTE: Within the power supply the output GND pins are connected to the Chassis, which in turn is connected to the Protective
Earth terminal on the AC inlet. Therefore, it is not possible to set the potential of the output return (GND) to any other than Protective
Earth potential.
Line
Neutral
PE
V1
VSB
Signals
Logic,
Controls
GND
Load
V1
Load
VSB
Logic
Voltage drop
TET2000-12-086NA/RA
Application
Figure 21. Common Low Impedance Ground Plane
Line
Neutral
PE
V1
VSB
Signals
Logic,
Controls
GND
Load
V1
Load
VSB
Logic
TET2000-12-086NA/RA
Application
Figure 22. Separated Power and Signal Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com