Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 3Page - Bel Fuse Inc. TET2000 Datasheet HTML 4Page - Bel Fuse Inc. TET2000 Datasheet HTML 5Page - Bel Fuse Inc. TET2000 Datasheet HTML 6Page - Bel Fuse Inc. TET2000 Datasheet HTML 7Page - Bel Fuse Inc. TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. TET2000 Datasheet HTML 10Page - Bel Fuse Inc. TET2000 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TET2000 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00877_AB
Figure 13. Load Transient V1, 92.95 to 8.45 A, 1A/uS (200 μs/div)
CH2: V1 (200mV/div) CH4: I1 (100A/div)
Figure 14. Load Transient V1, 8.45 to 92.95 A, 1A/uS (200 μs/div)
CH2: V1 (200mV/div) CH4: I1 (100A/div)
Figure 15. Load Transient V1, 169 to 84.5 A, 1A/uS (200 μs/div)
CH2: V1 (200mV/div) CH4: I1 (100A/div)
Figure 16. Load Transient V1, 84.5 to 169 A, 1A/uS (200 μs/div)
CH2: V1 (200mV/div) CH4: I1 (100A/div)
Figure 17. Short circuit on V1 (4ms/Div), Short with 400A
CH2: V1 (5V/div) CH4: I1 (100A/div)
Figure 18. Short circuit on V1 (0.4ms/Div),Short without control
CH2: V1 (5V/div) CH4: I1 (500A/div)
5.1 OUTPUT VOLTAGE RIPPLE
Ripple and noise shall be measured using the following methods:
a)
Outputs bypassed at the point of measurement with a parallel combination of 10µF tantalum capacitor in parallel with 0.1µF
ceramic capacitors, referring the setup in
Figure 19.
b)
The ripple voltage is measured with 20 MHz BWL.
PSU
Load
Vout
Gnd
L
N
Probe
Scope
20MHz BW
C
Figure 19. Output Ripple Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com