Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 24 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 24 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 17Page - Bel Fuse Inc. TET2000 Datasheet HTML 18Page - Bel Fuse Inc. TET2000 Datasheet HTML 19Page - Bel Fuse Inc. TET2000 Datasheet HTML 20Page - Bel Fuse Inc. TET2000 Datasheet HTML 21Page - Bel Fuse Inc. TET2000 Datasheet HTML 22Page - Bel Fuse Inc. TET2000 Datasheet HTML 23Page - Bel Fuse Inc. TET2000 Datasheet HTML 24Page - Bel Fuse Inc. TET2000 Datasheet HTML 25Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
TET2000 Series
tech.support@psbel.com
PIN
NAME
DESCRIPTION
P13-24, P25-36
V1
+12 VDC main output
P1-12, P37-48
PGND
+12 VDC main output ground
S1
PSKILL
Power supply kill (trailing pin) 5): active-high
S2
ACOK
AC input OK signal: active-high
S3
SDA
I2C DATA I2C data signal line
S4
SCL
I2C CLOCK I2C clock signal line
S5
ISHARE
12 V Load Share V1 Current share bus
S6
A0
I2C Address I2C address selection input
S7
A1
I2C Address I2C address selection input
S8
PWOK
Power OK signal output: active-high
S9
A2
I2C address selection input
S10
EEPROM_WP
EEPROM write protect
S11
SGND
Signal ground6) (return)
S12
PSON_L
Power supply on input: active-low
S13
SMB_ALERT_L
SMB Alert signal output: active-low
S14
PRESENT_L
Power supply present (trailing pin): active-low
S15-16
VSB_GND
Standby Ground5)
S17-18
VSB
Standby positive output
S19
V1_SENSE-
Main output negative sense
S20
V1_SENSE+
Main output positive sense
5) This pin should be connected to SGND on the system
6) This pin should be connected to PGND on the system
All signal pins are referred to SGND
Table 15. Connector pin assignment
The AC input receptacle shall be a 3 pins IEC320 C20 inlet.
For the pin assignment of DC connector, please refer to
Figure 43 and Table 15.
The Mating connector should be FCI 10121510-480020ALF.
Figure 43. Pin Assignment of DC Connector
Top Side
P48
P25
S20
S11
Bottom Side
P1
P24
S1
S10
P12
P13
P36
P37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com