Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button TET2000 Datasheet HTML 7Page - Bel Fuse Inc. TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. TET2000 Datasheet HTML 10Page - Bel Fuse Inc. TET2000 Datasheet HTML 11Page - Bel Fuse Inc. TET2000 Datasheet HTML 12Page - Bel Fuse Inc. TET2000 Datasheet HTML 13Page - Bel Fuse Inc. TET2000 Datasheet HTML 14Page - Bel Fuse Inc. TET2000 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TET2000 Series
11
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00877_AB
Figure 25. Current Limitation on VSB
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Vi mon
Input RMS Voltage
Vi min
≤ Vi ≤ Vi max
-2.5
+2.5
%
Ii mon
Input RMS Current
Ii > 6 Arms
-5
+5
%
Ii
≤ 6 Arms
-0.3
+0.3
Arms
Pi mon
True Input Power
Pi > 700 W
-5
+5
%
Pi
≤ 700 W
-35
+35
W
V1 mon
V1 Voltage
-2
+2
%
I1 mon
V1 Current
I1 > 30 A
-2
+2
%
I1
≤ 30 A
-1
+1
A
Po nom
Total Output Power
Po > 200 W
-5
+5
%
Po
≤ 200 W
-10
+10
W
VSB mon
Standby Voltage
-2
+2
%
ISB mon
Standby Current
ISB
≤ ISB nom
-0.2
+0.2
A
Table 2. Monitoring accuracy
8.1 ELECTRICAL CHARACTERISTICS (INPUT SIGNALS)
All Input signals versus signal ground SGND pin of output connector in PSU
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
PSKILL / PSON_L inputs
VIL
Input low level voltage
Main output enabled
-0.2
0.5
V
VIH
Input high level voltage
Main output disabled
2.0
5.25
V
IIL, H
Maximum input sink or source current
VI = -0.2 V to +3.5 V
4
mA
RpuPSKILL
Internal pull up resistor to internal 3.3 V on PSKILL
10
k
Ω
RpuPSON_L
Internal pull up resistor to internal 3.3 V on PSON_L
10
k
Ω
Table 3. Input signals
8.1.1 PSKILL INPUT
The PSKILL input is an active-high and normally a trailing pin in the connector and is used to disconnect the main output as
soon as the power supply is being plugged out. This pin should be connected to SGND on the system. The standby output
will remain on regardless of the PSKILL input state.
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
Standby Output Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com