Electronic Components Datasheet Search
  English  ▼

X  

TET2000 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # TET2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET2000 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  TET2000 Datasheet HTML 1Page - Bel Fuse Inc. TET2000 Datasheet HTML 2Page - Bel Fuse Inc. TET2000 Datasheet HTML 3Page - Bel Fuse Inc. TET2000 Datasheet HTML 4Page - Bel Fuse Inc. TET2000 Datasheet HTML 5Page - Bel Fuse Inc. TET2000 Datasheet HTML 6Page - Bel Fuse Inc. TET2000 Datasheet HTML 7Page - Bel Fuse Inc. TET2000 Datasheet HTML 8Page - Bel Fuse Inc. TET2000 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TET2000 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00877_AB
General Condition: TA = 0…+50 °C, unless otherwise noted.
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Vi nom
AC Nominal Input Voltage
100
230
240
VAC
Vi
AC Input Voltage Ranges
Normal operating (
Vi min to Vi max)
90
264
VAC
Vi nom DC
DC Nominal Input Voltage
Rated HVDC
240
VDC
Vi DC
DC Input Voltage Ranges
Normal operating (
Vi min to Vi max)
180
300
VDC
Vi derated
Derated Input Voltage Range
See section 10.3
90
180
VAC
Ii max
Max Input Current
Vi > 200 VAC, >100 VAC
13.5
Arms
Ii p
Inrush Current Limitation
Vi min to Vi max, TNTC = 25°C (See Figure 2)
35
Ap
Fi
Input Frequency
47
50/60
63
Hz
PF
Power Factor
Vi nom, 50Hz, > 0.2 I1 nom
0.95
0.96
W/VA
Vi on
Turn-on Input Voltage2)
Ramping up
84
87
90
VAC
Vi off
Turn-off Input Voltage2)
Ramping down
79
82
85
VAC
η
Efficiency Without Fan
Vi = 230 VAC, 0.1
∙Ix nom, Vx nom, TA = 25°C
94.2
%
Vi = 230 VAC, 0.2
∙Ix nom, Vx nom, TA = 25°C
95.6
Vi = 230 VAC, 0.5
∙Ix nom, Vx nom, TA = 25°C
96.35
Vi = 230 VAC, Ix nom, Vx nom, TA = 25°C
94.75
Thold
Hold-up Time
After last AC 45C degree (Worst case),
V1 > 11.7V, VSB
within regulation,
Vi = 230 VAC, Px nom
10
12
ms
2) The Front-End is provided with a typical hysteresis of 5 V during turn-on and turn-off within the ranges.
NOTE: Do not repeat plug-in / out operations below 5sec interval time at maximum input, high temperature condition, or else the
internal in-rush current limiting device PTC may not sufficiently cool down and self over temperature protection may result.
Figure 2. Inrush current, Vin = 264Vac, 90°
CH3: Vin (500V/div), CH4: Iin (10A/div)
4.1 INPUT FUSE
Quick-acting 16 A input fuses (5.4 × 22.5 in mm) in series with the L-line inside the power supply protect against severe defects.
The fuses are not accessible from the outside and are therefore not serviceable parts.
4.2 INRUSH CURRENT
The AC-DC power supply exhibits an X-capacitance of only 3.88
μF, resulting in a low and short peak current, when the supply
is connected to the mains. The internal bulk capacitor will be charged through a PTC which will limit the inrush current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com