Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65021 Datasheet HTML 35Page - Texas Instruments TPS65021 Datasheet HTML 36Page - Texas Instruments TPS65021 Datasheet HTML 37Page - Texas Instruments TPS65021 Datasheet HTML 38Page - Texas Instruments TPS65021 Datasheet HTML 39Page - Texas Instruments TPS65021 Datasheet HTML 40Page - Texas Instruments TPS65021 Datasheet HTML 41Page - Texas Instruments TPS65021 Datasheet HTML 42Page - Texas Instruments TPS65021 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
V
OUT
V
DEFDCDC3
R1 * R2
R2
R1
R2
V
OUT
V
DEFDCDC3
+ R2
(8)
VRTC Output
LDO1 and LDO2
Trespwron
Vcc-Filter
TPS65021
SLVS613 – OCTOBER 2005
When a resistor divider is connected to DEFDCDCx, the output voltage can be set from 0.6 V up to the input
voltage V(bat). The total resistance (R1+R2) of the voltage divider should be kept in the 1-MR range in order to
maintain a high efficiency at light load.
V(DEFDCDCx) = 0.6 V
The VRTC output is typically connected to the Vcc_Batt pin of a Intel PXA270 processor. During power-up of the
processor, the TPS65021 internally switches from the LDO or the backup battery to the system voltage
connected at the VSYSIN pin (see Figure 25). It is recommended to add a capacitor of 4.7-
µF minimum to the
VRTC pin.
The LDOs in the TPS65021 are general-purpose LDOs which are stable using ceramics capacitors. The
minimum output capacitor required is 2.2
µF. The LDOs output voltage can be changed to different voltages
between 1 V and 3.3 V using the I2C interface. Therefore, they can also be used as general-purpose LDOs in
applications powering processors different from PXA270. The supply voltage for the LDOs needs to be
connected to the VINLDO pin, giving the flexibility to connect the lowest voltage available in the system and
provides the highest efficiency.
This is the input to a capacitor that defines the reset delay time after the voltage at VRTC rises above 2.52 V.
The timing is generated by charging and discharging the capacitor with a current of 2
µA between a threshold of
0.25 V and 1 V for 128 cycles. A 1-nF capacitor gives a delay time of 100 ms.
An RC filter connected at the VCC input is used to keep noise from the internal supply for the bandgap and other
analog circuitry. A typical value of 10R and 1
µF is used to filter the switching spikes, generated by the dc-dc
converters. A larger resistor than 10R should not be used because the current into VCC of up to 3 mA causes a
voltage drop at the resistor causing the undervoltage lockout circuitry connected at VCC internally to switch off
too early.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com