Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65021 Datasheet HTML 9Page - Texas Instruments TPS65021 Datasheet HTML 10Page - Texas Instruments TPS65021 Datasheet HTML 11Page - Texas Instruments TPS65021 Datasheet HTML 12Page - Texas Instruments TPS65021 Datasheet HTML 13Page - Texas Instruments TPS65021 Datasheet HTML 14Page - Texas Instruments TPS65021 Datasheet HTML 15Page - Texas Instruments TPS65021 Datasheet HTML 16Page - Texas Instruments TPS65021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
I
- Output Current - mA
O
T = 25 C
V
= 3.3 V
A
O
o
PFM / PWM Mode
V = 3.8 V
I
V = 4.2 V
I
V = 5 V
I
0.01
0.1
1
10
100
1 k
10 k
I
- Output Current - mA
O
T = 25 C
V
= 3.3 V
A
O
o
PWM Mode
V = 3.8 V
I
V = 4.2 V
I
V = 5 V
I
0.01
0.1
1
10
100
1 k
10 k
TPS65021
SLVS613 – OCTOBER 2005
Graphs were taken using the EVM with the following inductor/output capacitor combinations:
CONVERTER
INDUCTOR
OUTPUT CAPACITOR
OUTPUT CAPACITOR VALUE
VDCDC1
VLCF4020-2R2
C2012X5R0J106M
2
× 10 µF
VDCDC2
VLCF4020-2R2
C2012X5R0J106M
2
× 10 µF
VDCDC3
VLF4012AT-2R2M1R5
C2012X5R0J106M
2
× 10 µF
Table 1. Table of Graphs
FIGURE
η
Efficiency
vs Output current
1, 2, 3, 4, 5, 6, 7
Line transient response
8, 9, 10
Load transient response
11, 12, 13
VDCDC2 PFM operation
14
VDCDC2 low ripple PFM operation
15
VDCDC2 PWM operation
16
Startup VDCDC1, VDCDC2 and VDCDC3
17
Startup LDO1 and LDO2
18
Line transient response
19, 20, 21
Load transient response
22, 23, 24
DCDC1: EFFICIENCY
DCDC1: EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com