Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65021 Datasheet HTML 1Page - Texas Instruments TPS65021 Datasheet HTML 2Page - Texas Instruments TPS65021 Datasheet HTML 3Page - Texas Instruments TPS65021 Datasheet HTML 4Page - Texas Instruments TPS65021 Datasheet HTML 5Page - Texas Instruments TPS65021 Datasheet HTML 6Page - Texas Instruments TPS65021 Datasheet HTML 7Page - Texas Instruments TPS65021 Datasheet HTML 8Page - Texas Instruments TPS65021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS65021
SLVS613 – OCTOBER 2005
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
•
1.2 A, 97% Efficient Step-Down Converter for
The TPS65021 is an integrated Power Management
System Voltage (VDCDC1)
IC
for
applications
powered
by
one
Li-Ion
or
Li-Polymer cell, and which require multiple power
•
1 A, Up to 95% Efficient Step-Down Converter
rails. The TPS65021 provides three highly efficient,
for Memory Voltage (VDCDC2)
step-down converters targeted at providing the core
•
800 mA, 90% Efficient Step-Down Converter
voltage, peripheral, I/O and memory rails in a
for Processor Core (VDCDC3)
processor
based
system.
All
three
step-down
•
30 mA LDO/Switch for Real Time Clock
converters enter a low-power mode at light load for
maximum efficiency across the widest possible range
(VRTC)
of load currents. The TPS65021 also integrates two
•
2
× 200 mA General-Purpose LDO
general-purpose 200 mA LDO voltage regulators,
•
Dynamic Voltage Management for Processor
which are enabled with an external input pin. Each
Core
LDO operates with an input voltage range between
1.5 V and 6.5 V, allowing them to be supplied from
•
Preselectable LDO Voltage Using Two Digital
one of the step-down converters or directly from the
Input Pins
battery. The default output voltage of the LDOs can
•
Externally Adjustable Reset Delay Time
be digitally set to 4 different voltage combinations
•
Battery Backup Functionality
using the DEFLDO1 and DEFLDO2 pins. The serial
interface can be used for dynamic voltage scaling,
•
Separate Enable Pins for Inductive Converters
masking interrupts, or for dis/enabling and setting the
•
I2C™ Compatible Serial Interface
LDO output voltages. The interface is compatible with
•
85-
µA Quiescent Current
the Fast/Standard mode I2C specification, allowing
transfers at up to 400 kHz. The TPS65021 is
•
Low Ripple PFM Mode
available in a 40-pin (RHA) QFN package, and
•
Thermal Shutdown Protection
operates over a free-air temperature of -40
°C to
•
40-Pin 6 mm x 6 mm QFN Package
85
°C.
•
PDA
•
Cellular/Smart Phone
•
Internet Audio Player
•
Digital Still Camera
•
Digital Radio Player
•
Split Supply DSP and
µP Solutions:
OMAP1610, OMAP1710, OMAP330, XScale
Bulverde, Samsung ARM-Based Processors,
etc.
•
Intel PXA270, etc.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI1-TPS65020RHAR Datasheet
1Mb / 53P
Power Management IC
TPS65020RHARG4 TI1-TPS65020RHARG4 Datasheet
1Mb / 53P
Power Management IC
More results

Similar Description - TPS65021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
Power Management IC for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com