Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65021 Datasheet HTML 1Page - Texas Instruments TPS65021 Datasheet HTML 2Page - Texas Instruments TPS65021 Datasheet HTML 3Page - Texas Instruments TPS65021 Datasheet HTML 4Page - Texas Instruments TPS65021 Datasheet HTML 5Page - Texas Instruments TPS65021 Datasheet HTML 6Page - Texas Instruments TPS65021 Datasheet HTML 7Page - Texas Instruments TPS65021 Datasheet HTML 8Page - Texas Instruments TPS65021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65021
SLVS613 – OCTOBER 2005
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Inductor at L2 (2)
2.2
3.3
µH
CI(DCDC2)
Input Capacitor at VINDCDC2 (2)
10
µF
CO(DCDC2)
Output Capacitor at VDCDC2 (2)
10
22
µF
IO(DCDC3)
Output current at L3
800
mA
Inductor at L3 (2)
2.2
3.3
µH
CI(DCDC3)
Input Capacitor at VINDCDC3(2)
10
µF
CO(DCDC3)
Output Capacitor at VDCDC3 (2)
10
22
µF
CI(VCC)
Input Capacitor at VCC (2)
1
µF
Ci(VINLDO)
Input Capacitor at VINLDO (2)
1
µF
CO(VLDO1-2)
Output Capacitor at VLDO1, VLDO2 (2)
2.2
µF
IO(VLDO1-2)
Output current at VLDO1, VLDO2
200
mA
CO(VRTC)
Output Capacitor at VRTC (2)
4.7
µF
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
Resistor from VINDCDC3, VINDCDC2, VINDCDC1 to VCC used for filtering(3)
1
10
Ω
(3)
Up to 3 mA can flow into VCC when all 3 converters are running in PWM. This resistor causes the UVLO threshold to be shifted
accordingly.
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, T
A = –40°C to 85°C, typical values are
at T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL SIGNALS : SCLK, SDAT (input), DCDC1_EN, DCDC2_EN, DCDC3_EN, LDO_EN, DEFLDO1, DEFLDO2
Rpullup at SCLK and SDAT = 4.7 kR,
VIH
High level input voltage
1.3
VCC
V
pulled to VRTC
Rpullup at SCLK and SDAT = 4.7 kR,
VIL
Low level input voltage
0
0.4
V
pulled to VRTC
IH
Input bias current
0.01
0.1
µA
CONTROL SIGNALS : HOT_RESET
VIH
High level input voltage
1.3
VCC
V
VIL
Low level input voltage
0
0.4
V
IIB
Input bias current
0.01
0.1
µA
tglitch
Deglitch time at HOT_RESET
25
30
35
ms
CONTROL SIGNALS : LOWBAT, PWRFAIL, RESPWRON, INT, SDAT (output)
VOH
High level output voltage
6
V
VOL
Low level output voltage
IIL = 5 mA
0
0.3
V
Duration of low pulse at RESPWRON
External capacitor 1 nF
100
ms
Resetpwron threshold
VRTC falling
–3%
2.4
3%
V
Resetpwron threshold
VRTC rising
–3%
2.52
3%
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com