Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65021 Datasheet HTML 12Page - Texas Instruments TPS65021 Datasheet HTML 13Page - Texas Instruments TPS65021 Datasheet HTML 14Page - Texas Instruments TPS65021 Datasheet HTML 15Page - Texas Instruments TPS65021 Datasheet HTML 16Page - Texas Instruments TPS65021 Datasheet HTML 17Page - Texas Instruments TPS65021 Datasheet HTML 18Page - Texas Instruments TPS65021 Datasheet HTML 19Page - Texas Instruments TPS65021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
www.ti.com
C4 High
1.09 A
C4 Low
120 mA
C2 PK-PK
188 mV
=
Ch2 V
Ch4 I
O
O
=
C2 Mean
3.3051 V
PWM Mode
I
= 120 mA to 1080 mA
V = 3.8 V
V
= 3.3 V
O
I
O
C4 High
830 mA
C4 Low
90 mA
C2 PK-PK
80 mV
=
Ch2 V
Ch4 I
O
O
=
PWM Mode
I
VI
O
= 3.8 V
V
= 1.8 V
O = 100 mA to 800 mA
C2 Mean
1.7946 V
C2 PK-PK
17.0 mV
C2 Mean
1.80522 V
V = 3.8 V
V
= 1.8 V
I
O
I
= 1 mA
T = 25 C
PFM Mode
O
A
o
C4 High
730 mA
C4 Low
80 mA
C2 PK-PK
80 mV
C2 Mean
1.5931 V
=
Ch2 V
Ch4 I
O
O
=
T
= 25 C
PWM Mode
A
o
I
VI
O
= 3.8 V
V
= 1.6 V
O = 80 mA to 720 mA
TPS65021
SLVS613 – OCTOBER 2005
VDCDC1 LOAD TRANSIENT RESPONSE
VDCDC2 LOAD TRANSIENT RESPONSE
Figure 11.
Figure 12.
VDCDC3 LOAD TRANSIENT RESPONSE
VDCDC2 OUTPUT VOLTAGE RIPPLE
Figure 13.
Figure 14.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com