Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS65021 Datasheet HTML 14Page - Texas Instruments TPS65021 Datasheet HTML 15Page - Texas Instruments TPS65021 Datasheet HTML 16Page - Texas Instruments TPS65021 Datasheet HTML 17Page - Texas Instruments TPS65021 Datasheet HTML 18Page - Texas Instruments TPS65021 Datasheet HTML 19Page - Texas Instruments TPS65021 Datasheet HTML 20Page - Texas Instruments TPS65021 Datasheet HTML 21Page - Texas Instruments TPS65021 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
www.ti.com
C1 High
3.83 V
C1 Low
3.29 V
C2 PK-PK
6.2 mV
C2 Mean
1.09702 V
=
Ch1 V
Ch2 V
I
O
=
I
= 25 mA
V
= 1.1 V
T = 25 C
O
O
A
o
C1 High
4.51 V
C1 Low
3.99 V
C2 PK-PK
6.1 mV
=
Ch1 V
Ch2 V
I
O
=
I
= 25 mA
V
= 3.3 V
T = 25 C
O
O
A
o
C2 Mean
3.29828 V
C1 High
3.82 V
C1 Low
3.28 V
C2 PK-PK
22.8 mV
=
Ch1 V
Ch2 V
I
O
=
I
= 10 mA
V
= 3 V
T = 25 C
O
O
A
o
C2 Mean
2.98454 V
C4 High
48.9 mA
C4 Low
2.1 mA
C2 PK-PK
42.5 mV
=
Ch2 V
Ch4
O
O
= I
VI
O
A
= 3.3 V
V
= 1.1 V
T = 25 C
o
C2 Mean
1.09664 V
TPS65021
SLVS613 – OCTOBER 2005
LDO1 LINE TRANSIENT RESPONSE
LDO2 LINE TRANSIENT RESPONSE
Figure 19.
Figure 20.
VRTC LINE TRANSIENT RESPONSE
LDO1 LOAD TRANSIENT RESPONSE
Figure 21.
Figure 22.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com