Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65021 Datasheet HTML 17Page - Texas Instruments TPS65021 Datasheet HTML 18Page - Texas Instruments TPS65021 Datasheet HTML 19Page - Texas Instruments TPS65021 Datasheet HTML 20Page - Texas Instruments TPS65021 Datasheet HTML 21Page - Texas Instruments TPS65021 Datasheet HTML 22Page - Texas Instruments TPS65021 Datasheet HTML 23Page - Texas Instruments TPS65021 Datasheet HTML 24Page - Texas Instruments TPS65021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
www.ti.com
POWER SAVE MODE OPERATION
TPS65021
SLVS613 – OCTOBER 2005
DETAILED DESCRIPTION (continued)
pins can either be connected to GND, VCC, or to a resistor divider between the output voltage and GND. The
VDCDC1 converter defaults to 3 V or 3.3 V depending on the DEFDCDC1 configuration pin. If DEFDCDC1 is
tied to ground, the default is 3 V. If it is tied to VCC, the default is 3.3 V. When the DEFDCDC1 pin is connected
to a resistor divider, the output voltage can be set in the range of 0.6 V to VINDCDC1 V. See the application
information section for more details.
The VDCDC2 converter defaults to 1.8 V or 2.5 V depending on the DEFDCDC2 configuration pin. If DEFDCDC2
is tied to ground, the default is 1.8 V. If it is tied to VCC, the default is 2.5 V. When the DEFDCDC2 pin is
connected to a resistor divider, the output voltage can be set in the range of 0.6 V to VINDCDC2 V.
The VDCDC3 converter defaults to 1.3 V or 1.55 V depending on the DEFDCDC3 configuration pin. If
DEFDCDC3 is tied to ground the default is 1.3 V. If it is tied to VCC, the default is 1.55 V. When the DEFDCDC3
pin is connected to a resistor divider, the output voltage can be set in the range of 0.6 V to VINDCDC3 V. The
core voltage can be reprogrammed via the serial interface in the range of 0.8 V to 1.6 V with a programmable
slew rate. The converter is forced into PWM operation whilst any programmed voltage change is underway,
whether the voltage is being increased or decreased. The DEFCORE and DEFSLEW registers are used to
program the output voltage and slew rate during voltage transitions.
The step-down converter outputs (when enabled) are monitored by power good (PG) comparators, the outputs of
which are available via the serial interface. The outputs of the dc-dc converters can be optionally discharged via
on-chip 300-
Ω resistors when the dc-dc converters are disabled.
During PWM operation, the converters use a unique fast response voltage mode controller scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the P-channel MOSFET switch is
turned on. The inductor current ramps up until the comparator trips and the control logic turns off the switch. The
current limit comparator also turns off the switch if the current limit of the P-channel switch is exceeded. After the
adaptive dead time used to prevent shoot through current, the N-channel MOSFET rectifier is turned on, and the
inductor current ramps down. The next cycle is initiated by the clock signal, again turning off the N-channel
rectifier and turning on the P-channel switch.
The three dc-dc converters operate synchronized to each other with the VDCDC1 converter as the master. A
180
° phase shift between the VDCDC1 switch turn on and the VDCDC2 and a further 90° shift to the VDCDC3
switch turn on decreases the input RMS current and smaller input capacitors can be used. This is optimized for a
typical application where the VDCDC1 converter regulates a Li-Ion battery voltage of 3.7 V to 3.3 V, the
VDCDC2 converter from 3.7 V to 2.5 V, and the VDCDC3 converter from 3.7 V to 1.5 V. The phase of the three
converters can be changed using the CON_CTRL register.
As the load current decreases, the converters enter the power save mode operation. During PSM, the converters
operate in a burst mode (PFM mode) with a switching frequency between half of the switching frequency and
switching frequency for one burst cycle. However, the frequency between different burst cycles depends on the
actual load current and is typically far less than the switching frequency with a minimum quiescent current to
maintain high efficiency.
In order to optimize the converter efficiency at light load, the average current is monitored and if in PWM mode
the inductor current remains below a certain threshold, then PSM is entered. The typical threshold to enter PSM
is calculated as follows:
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com