Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS65021 Datasheet HTML 24Page - Texas Instruments TPS65021 Datasheet HTML 25Page - Texas Instruments TPS65021 Datasheet HTML 26Page - Texas Instruments TPS65021 Datasheet HTML 27Page - Texas Instruments TPS65021 Datasheet HTML 28Page - Texas Instruments TPS65021 Datasheet HTML 29Page - Texas Instruments TPS65021 Datasheet HTML 30Page - Texas Instruments TPS65021 Datasheet HTML 31Page - Texas Instruments TPS65021 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
www.ti.com
Data Line
Stable;
Data Valid
DATA
CLK
Change
of Data
Allowed
DATA
CLK
CE
S
P
START Condition
STOP Condition
SCLK
SDAT
Start
Slave Address
Register Address
Data
0
A6
A5
A4
A0
R/W
R7
R6
R5
R0
D7
D6
D5
D0
ACK
ACK
ACK
0
0
0
Stop
Note: SLAVE = TPS65020
TPS65021
SLVS613 – OCTOBER 2005
whenever the clock line is high. There is one clock pulse per bit of data. Each data transfer is initiated with a start
condition and terminated with a stop condition. When addressed, the TPS65021 device generates an
acknowledge bit after the reception of each byte. The master device (microprocessor) must generate an extra
clock pulse that is associated with the acknowledge bit. The TPS65021 device must pull down the DATA line
during the acknowledge clock pulse so that the DATA line is a stable low during the high period of the
acknowledge clock pulse. The DATA line is a stable low during the high period of the acknowledge–related clock
pulse. Setup and hold times must be taken into account. During read operations, a master must signal the end of
data to the slave by not generating an acknowledge bit on the last byte that was clocked out of the slave. In this
case, the slave TPS65021 device must leave the data line high to enable the master to generate the stop
condition
Figure 29. Bit Transfer on the Serial Interface
Figure 30. START and STOP Conditions
Figure 31. Serial i/f WRITE to TPS65021 Device
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com