Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65021 Datasheet HTML 28Page - Texas Instruments TPS65021 Datasheet HTML 29Page - Texas Instruments TPS65021 Datasheet HTML 30Page - Texas Instruments TPS65021 Datasheet HTML 31Page - Texas Instruments TPS65021 Datasheet HTML 32Page - Texas Instruments TPS65021 Datasheet HTML 33Page - Texas Instruments TPS65021 Datasheet HTML 34Page - Texas Instruments TPS65021 Datasheet HTML 35Page - Texas Instruments TPS65021 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
www.ti.com
TPS65021
SLVS613 – OCTOBER 2005
MASK. Register Address: 02h (read/write)
Default Value: C0h
MASK
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
MASK
MASK
MASK
MASK
MASK
MASK
MASK
function
PWRFAILZ
LOWBATTZ
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
Default
1
1
0
0
0
0
0
0
Default value
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
loaded by:
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The MASK register can be used to mask particular fault conditions from appearing at the INT pin. MASK<n> = 1
masks PGOODZ<n>.
REG_CTRL. Register Address: 03h (read/write)
Default Value: FFh
REG_CTRL
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
function
ENABLE
ENABLE
ENABLE
ENABLE
ENABLE
Default
1
1
1
1
1
1
1
1
Set by signal
DCDC1_ENZ DCDC2_ENZ DCDC3_ENZ
LDO_ENZ
LDO_ENZ
Default value
UVLO
UVLO
UVLO
UVLO
UVLO
loaded by:
Read/Write
R/W
R/W
R/W
R/W
R/W
The REG_CTRL register can be used to disable and enable all power supplies via the serial interface. Default is
to allow all supplies to be on, providing the relevant enable pin is high. The following tables indicate how the
enable pins and the REG_CTRL register are combined. The REG_CTRL bits are automatically reset to default
when the corresponding enable pin is low.
DCDC1
DCDC2
DCDC1_EN PIN
REG_CTRL<5>
DCDC2_EN PIN
REG_CTRL<4>
CONVERTER
CONVERTER
0
x
disabled
0
x
disabled
1
0
disabled
1
0
disabled
1
1
enabled
1
1
enabled
DCDC3
DCDC3_EN PIN
REG_CTRL<3>
LDO_EN PIN
REG_CTRL<2>
LDO2
CONVERTER
0
x
disabled
0
x
disabled
1
0
disabled
1
0
disabled
1
1
enabled
1
1
enabled
LDO_EN PIN
REG_CTRL<1>
LDO1
0
x
disabled
1
0
disabled
1
1
enabled
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com