Electronic Components Datasheet Search
  English  ▼

X  

TPS65021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65021
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65021 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65021 Datasheet HTML 1Page - Texas Instruments TPS65021 Datasheet HTML 2Page - Texas Instruments TPS65021 Datasheet HTML 3Page - Texas Instruments TPS65021 Datasheet HTML 4Page - Texas Instruments TPS65021 Datasheet HTML 5Page - Texas Instruments TPS65021 Datasheet HTML 6Page - Texas Instruments TPS65021 Datasheet HTML 7Page - Texas Instruments TPS65021 Datasheet HTML 8Page - Texas Instruments TPS65021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS65021
SLVS613 – OCTOBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
PART NUMBER(2)
–40
°C to 85°C
40 pin QFN (RHA)
TPS65021RHA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RHA package is available in tape and reel. Add the R suffix (TPS65021RHAR) to order quantities of 2500 parts per reel. Add the T
suffix (TPS65021RHAT) to order quantities of 250 parts per reel.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VI
Input voltage range on all pins except AGND and PGND pins with respect to AGND
–0.3 to 7
V
Current at VINDCDC1, L1, PGND1, VINDCDC2, L2, PGND2, VINDCDC3, L3, PGND3
2000
mA
Peak Current at all other pins
1000
mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
–40 to 85
°C
TJ
Maximum junction temperature
125
°C
Tstg Storage temperature
–65 to 150
°C
Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
RHA(1)(2)
2.85 W
28 mW/
°C
1.57 W
1.4 W
(1)
The thermal resistance junction to ambient of the RHA package is 35
°C/W measured on a high K board.
(2)
The thermal resistance junction to case (exposed pad) of the RHA package is 5
°C/W
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range step-down convertors
VCC
2.5
6
V
(VINDCDC1, VINDCDC2, VINDCDC3)
Output voltage range for VDCDC1 step-down convertor(1)
0.6
VINDCDC1
VO
Output voltage range for VDCDC2 (mem) step-down convertor(1)
0.6
VINDCDC2
V
Output voltage range for VDCDC3 (core) step-down convertor(1)
0.6
VINDCDC3
VI
Input voltage range for LDOs (VINLDO1, VINLDO2)
1.5
6.5
V
VO
Output voltage range for LDOs (VLDO1, VLDO2)
1
VINLDO1-2
V
IO(DCDC2)
Output current at L1
1200
mA
Inductor at L1(2)
2.2
3.3
µH
CI(DCDC1)
Input Capacitor at VINDCDC1 (2)
10
µF
CO(DCDC1)
Output Capacitor at VDCDC1 (2)
10
22
µF
IO(DCDC2)
Output current at L2
1000
mA
(1)
When using an external resistor divider at DEFDCDC3, DEFDCDC2, DEFDCDC1
(2)
See applications section for more information.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com