Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 14Page - NXP Semiconductors FXLS90120 Datasheet HTML 15Page - NXP Semiconductors FXLS90120 Datasheet HTML 16Page - NXP Semiconductors FXLS90120 Datasheet HTML 17Page - NXP Semiconductors FXLS90120 Datasheet HTML 18Page - NXP Semiconductors FXLS90120 Datasheet HTML 19Page - NXP Semiconductors FXLS90120 Datasheet HTML 20Page - NXP Semiconductors FXLS90120 Datasheet HTML 21Page - NXP Semiconductors FXLS90120 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Non-Linearity (12 bit, lateral, or Z-Axis, All Ranges)
10669
Differential Non-Linearity (No Missing Codes)
*
DNL
—
—
+1.0
LSB
7
10670
End Point Non-Linearity (Least Squares BFSL)
*
INL
—
—
+20.0
LSB
6
Supply Coupling (CBUF = 1 µf, 12 bit, DSI3, PSI5, lateral, or Z-Axis, All Ranges)
10663
1 kHz ≤ fn ≤ 10 kHz, BUS_I = 8.0 V ± 2.0 V (Represents PSI5 Sync Pulse)
PSCPSI5
—
—
1
LSB
6
10682
10 kHz ≤ fn ≤ 100 kHz, BUS_I = 6.0 V ± 1.0 V (Represents DSI3 BRC)
PSCDSI3C
—
—
1
LSB
6
10681
100 kHz ≤ fn ≤ 1 MHz, BUS_I = 6.0 V ± 0.5 V (Represents DSI3/PSI5
Response)
PSCDSI3R
—
—
1
LSB
6
10680
1 MHz ≤ fn ≤ 20 MHz, BUS_I = 6.0 V ± 0.1 V(Represents Response
Harmonics)
PSCSATH
—
—
1
LSB
6
Supply Coupling (CBUF = 0.1 µf, 12 bit, SPI, lateral, or Z-Axis, All Ranges)
10675
1 kHz ≤ fn ≤ 20 MHz, VBUF = 5.0 V ± 0.1 V
PSCSPI5
—
—
2
LSB
6
10683
1 kHz ≤ fn ≤ 20 MHz, VBUF = 3.3 V ± 0.1 V
PSCSPI3
—
—
2
LSB
6
Noise: Lateral Sensor
System Output Noise Peak (12 bit), High g Range = 125 g, Lateral
10653
Max. Deviation from Mean, Min. 2000 values, Min. fSamp = 2 kHz, LPF =
400 Hz, 4-Pole
*
nPeakX_400C
–4
—
+4
LSB
6
10655
Max. Deviation from Mean, Min. 50 values, Min. fSamp = 2 kHz, LPF = 400
Hz, 4-Pole
*
nPeakX_400T
–4
—
+4
LSB
1
System Output Noise Average (12 bit), High g Range = 125 g, Lateral
10654
Standard Deviation, Min. 2000 values, Min. fSamp = 2 kHz, LPF = 400 Hz,
4-Pole
*
nRMSX_400C
—
—
+1.0
LSB
6
10656
Standard Deviation, Min. 50 values, Min. fSamp = 2 kHz, LPF = 400 Hz, 4-
Pole
*
nRMSX_400T
—
—
+1.0
LSB
1
Noise: Z-Axis Sensor
System Output Noise Peak (12 bit), High g Range = 125 g, Z-Axis
10659
Max. Deviation from Mean, Min. 2000 values, Min. fSamp = 2 kHz, LPF =
400 Hz, 4-Pole
*
nPeakZ_400C
–8
—
+8
LSB
6
10661
Max. Deviation from Mean, Min. 50 values, Min. fSamp = 2 kHz, LPF = 400
Hz, 4-Pole
*
nPeakZ_400T
–8
—
+8
LSB
1
System Output Noise Average (12 bit), High g Range = 125 g, Z-Axis
10660
Standard Deviation, Min. 2000 values, Min. fSamp = 2 kHz, LPF = 400 Hz,
4-Pole
*
nRMSZ_400C
—
—
+2.0
LSB
6
10662
Standard Deviation, Min. 50 values, Min. fSamp = 2 kHz, LPF = 400 Hz, 4-
Pole
*
nRMSZ_400T
—
—
+2.0
LSB
1
Table 17. Electrical characteristics - inertial sensor signal chain: High g...continued
The offset before offset cancellation scales with the user gain. The higher the gain (lower
range), the higher the offset. Table 18 lists the adjusted offset specification limits for some
SPI and DSI3 12-bit user gain settings.
User range (g)
Offset (LSB, 12 bit)
50
± 200
60
± 167
62
± 162
62.5
± 160
Table 18. High g adjusted offset specification limits
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
18 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com