Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 45Page - NXP Semiconductors FXLS90120 Datasheet HTML 46Page - NXP Semiconductors FXLS90120 Datasheet HTML 47Page - NXP Semiconductors FXLS90120 Datasheet HTML 48Page - NXP Semiconductors FXLS90120 Datasheet HTML 49Page - NXP Semiconductors FXLS90120 Datasheet HTML 50Page - NXP Semiconductors FXLS90120 Datasheet HTML 51Page - NXP Semiconductors FXLS90120 Datasheet HTML 52Page - NXP Semiconductors FXLS90120 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$05
COMMREV
0
0
0
0
COMMREV[3:0]
Reset Value for DSI3
0
0
0
0
0
0
0
1
Reset Value for PSI5
0
0
0
0
0
1
1
0
Reset Value for SPI
0
0
0
0
0
0
0
0
Reset Value for I2C
0
0
0
0
0
1
0
1
Table 69. Communication protocol revision register (COMMREV)
Note: The response to a register write of the COMMREV register is a valid response
with the register contents equal to 0x00.
11.2.4 Margin read status register (MREAD_STAT)
The Margin Read Status register is a read-only register which contains the status for the
user enabled OTP margin read test.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$06
MREAD_
STAT
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
MARGIN_
RD_ACT
MARGIN_
RD_ERR
Reset Value
0
0
0
0
0
0
0
0
Table 70. Margin read status register (MREAD_STAT)
Note: The user enabled OTP margin read test is not intended for use in normal
operation. It is intended for use only after user OTP programming during manufacturing.
11.2.4.1 Margin read active status (MARGIN_RD_ACT)
The margin read active status bit is set if a user enabled OTP margin read test is in
process. The status bit is automatically cleared when the OTP margin read test is
complete. See Section 11.2.7.1 for details regarding the user enabled OTP margin read
test.
MARGIN_RD_ACT
Condition
0
No Margin Read Test is in Process
1
Margin Read Test is in Process
Table 71. Margin read active status (MARGIN_RD_ACT)
11.2.4.2 Margin read error status (MARGIN_RD_ERR)
The margin read error status bit is set if a user enabled OTP margin read test has failed.
The margin read error status bit is cleared on a read of the MREAD_STAT register. The
margin read error status bit has no impact on device operation or performance. See
Section 11.2.7.1 for details regarding the user enabled OTP margin read test.
MARGIN_RD_ERR
Condition
0
No Margin Read Test Failure
1
Margin Read Test Failure
Table 72. Margin read error status (MARGIN_RD_ERR)
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
49 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com