Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 35Page - NXP Semiconductors FXLS90120 Datasheet HTML 36Page - NXP Semiconductors FXLS90120 Datasheet HTML 37Page - NXP Semiconductors FXLS90120 Datasheet HTML 38Page - NXP Semiconductors FXLS90120 Datasheet HTML 39Page - NXP Semiconductors FXLS90120 Datasheet HTML 40Page - NXP Semiconductors FXLS90120 Datasheet HTML 41Page - NXP Semiconductors FXLS90120 Datasheet HTML 42Page - NXP Semiconductors FXLS90120 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Bit
Type
Address
Register
7
6
5
4
3
2
1
0
R
$04
DEVSTAT3
MISO_ERR
OSCTRAIN_ERR
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
R
$05
COMMREV
0
0
0
0
COMMREV[3:0]
R
$06
MREAD_STAT
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
MARGIN_RD_ACT MARGIN_RD_ERR
R
$07 - $0D
RESERVED
RESERVED
R
$0E
TEMPERATURE
TEMP[7:0]
R
$0F
RESERVED
RESERVED
Table 44. User accessible data - general device information...continued
11.1.2 User accessible data - communication information
Bit
Type[1] Address Register
7
6
5
4
3
2
1
0
R/W
$10
DEVLOCK_WR
ENDINIT
RESERVED
RESERVED
RESERVED
SUP_ERR_DIS
RESERVED
RESET[1:0]
R/W
$11
WRITE_OTP_
EN
UOTP_
WR_INIT
MARGIN_
RD_EN
RESERVED
RESERVED
EX_
COMMTYPE
EX_PADDR
UOTP_REGION[1:0]
R/W
$12
BUSSW_CTRL
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
BUSSW_CTRL[1:0]
R/W
$13
PSI5_TEST
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
PSI5_TEST
R/W
$14
UF_REGION_W
REGION_LOAD[3:0]
0
0
0
0
R
$15
UF_REGION_R
REGION_ACTIVE[3:0]
0
0
0
0
UF2
$16
COMMTYPE
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
COMMTYPE[2:0]
UF2
$17
RESERVED
RESERVED
UF2
$18
PHYSADDR
0
0
0
0
PADDR[3:0]
UF2
$19
RESERVED
RESERVED
UF2
$1A
SOURCEID_0
SID0_EN
PDCMFORMAT[2:0]
SOURCEID_0[3:0]
UF2
$1B
SOURCEID_1
SID1_EN
RESERVED
RESERVED
RESERVED
SOURCEID_1[3:0]
UF2
$1E - $21 RESERVED
RESERVED
UF2
$22
TIMING_CFG
PDCM_PER[2:0]
OSCTRAIN_
SEL
CK_CAL_RST
CRM_PER[1:0]
CK_CAL_EN
UF2
$23
CHIPTIME
ST_RPT[1:0]
PSI5_
ERRLATCH
SS_EN
CHIPTIME[3:0]
UF2
$24
TIMING_CFG2
PSI5_
INIT2_D19
OSCTRAIN_ERRCNT[2:0]
CAPTEST_OFF
RESERVED
BDM_
FRAGSIZE
BDM_EN
UF2
$25
PSI5_CFG
SYNC_PD
DAISY_CHAIN
PSI5_ILOW
DUALTRANS
EMSG_EXT
P_CRC
INIT2_EXT
ASYNC
UF2
$26
PDCM_
RSPST0_L
PDCM_RSPST0[7:0]
UF2
$27
PDCM_
RSPST0_H
BRC_RSP0[1:0]
RESERVED
PDCM_RSPST0[12:8]
UF2
$28
PDCM_
RSPST1_L
PDCM_RSPST1[7:0]
UF2
$29
PDCM_
RSPST1_H
BRC_RSP1[1:0]
RESERVED
PDCM_RSPST1[12:8]
UF2
$2A - $37 RESERVED
RESERVED
UF2
$38
PDCM_CMD_
B_L
PDCM_CMD_B[7:0]
UF2
$39
PDCM_CMD_
B_H
RESERVED
RESERVED
RESERVED
PDCM_CMD_B[12:8]
UF2
$3A -
$3C
RESERVED
RESERVED
UF2
$3D
SPI_CFG
SPI_STATUS
DATASIZE
SPI_CRC_LEN[1:0]
SPICRCSEED[3:0]
UF2
$3E
WHO_AM_I
WHO_AM_I[7:0]
UF2
$3F
I2C_ADDRESS
I2C_ADDRESS[7:0]
Table 45. User accessible data - communication information
[1]
Memory Type Codes
R - Readable Register with No OTP
F – User Readable Register with OTP
UF0 – One Time User Programmable OTP Location Region 0
UF1 – One Time User Programmable OTP Location Region 1
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
39 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com