Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 61Page - NXP Semiconductors FXLS90120 Datasheet HTML 62Page - NXP Semiconductors FXLS90120 Datasheet HTML 63Page - NXP Semiconductors FXLS90120 Datasheet HTML 64Page - NXP Semiconductors FXLS90120 Datasheet HTML 65Page - NXP Semiconductors FXLS90120 Datasheet HTML 66Page - NXP Semiconductors FXLS90120 Datasheet HTML 67Page - NXP Semiconductors FXLS90120 Datasheet HTML 68Page - NXP Semiconductors FXLS90120 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
PSI5_
ERRLATCH
PSI5 error handling
0
Error handling is as specified in Section 11.2.2 and Section 13.8.4
1
Automatic error clearing is disabled and internal errors are latched until reset as
specified in Section 13.8.5
Table 101. PSI5 error latching enable bit (PSI5_ERRLATCH)
11.2.15.3 Simultaneous sampling enable (SS_EN)
In DSI3 mode, the simultaneous sampling enable bit selects between one of two data
latency methods. See Section 12.4.7 for details regarding sample timing.
SS_EN
Data latency
0
Synchronous Sampling Mode: Latency relative to transmission start time (PDCM_
RSPST)
1
Simultaneous Sampling Mode: Latency relative to the start of the Periodic Data
Collection Mode command (falling edge)
Table 102. DSI3 simultaneous sampling enable (SS_EN)
In PSI5 mode, the simultaneous sampling enable bit selects between one of two data
latency methods to accommodate synchronized sampling or simultaneous sampling.
SS_EN
Data latency
0
Synchronous Sampling Mode (Latency relative to Time Slot)
1
Simultaneous Sampling Mode (Latency relative to sync pulse)
Table 103. PSI5 simultaneous sampling enable (SS_EN)
In SPI mode, the simultaneous sampling enable bit selects between one of two data
latency methods.
SS_EN
Data latency
0
Synchronous sampling mode: The data for all sources is latent relative to the
falling edge of slave select for the response to the Sensor Data Request for the
corresponding SOURCEID.
1
Simultaneous sampling mode: The data for all sources is latent relative to the falling
edge of slave select for the response to the Sensor Data Request for SOURCEID_0.
If SOURCEID_0 is disabled, then the data for all SOURCEIDs is latent relative to the
falling edge of slave select for the response to the Sensor Data Request for lowest
enabled SOURCEID register address.
Note: If multiple SOURCEIDs are enabled, sensor data for the higher SOURCEID
register addresses only changes on a sensor data request for the lowest enabled
SOURCEID register address. If continuous sensor data requests occur without
sensor data requests for the lowest SOURCEID register address, sensor data
will not be updated. Care must be taken by the user to ensure proper data
transmissions.
Table 104. SPI simultaneous sampling enable (SS_EN)
In I2C mode, the simultaneous sampling enable bit is readable and writable but has no
impact on device operation or performance.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
65 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com