Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 42Page - NXP Semiconductors FXLS90120 Datasheet HTML 43Page - NXP Semiconductors FXLS90120 Datasheet HTML 44Page - NXP Semiconductors FXLS90120 Datasheet HTML 45Page - NXP Semiconductors FXLS90120 Datasheet HTML 46Page - NXP Semiconductors FXLS90120 Datasheet HTML 47Page - NXP Semiconductors FXLS90120 Datasheet HTML 48Page - NXP Semiconductors FXLS90120 Datasheet HTML 49Page - NXP Semiconductors FXLS90120 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
11.2.2.11 Internal analog regulator voltage out of range error (INTREGA_ERR)
The internal analog regulator voltage out of range error bit is set if the internal analog
regulator voltage falls outside expected limits. A common timer is used for all error bits
in the DEVSTAT1 register. If any supply error is present, the timer is reset to tUVOV_RCV.
This bit is cleared based on the state of the SUP_ERR_DIS bit in the DEVLOCK_WR
register as shown in Section 11.2.2.4.
INTREGA_ERR
Error condition
0
No error detected
1
Internal Analog Regulator Voltage Out of Range
Table 58. Internal analog regulator voltage out of range error (INTREGA_ERR)
11.2.2.12 Internal digital regulator voltage out of range error (INTREG_ERR)
The internal digital regulator voltage out of range error bit is set if the internal digital
regulator voltage falls outside expected limits. A common timer is used for all error bits
in the DEVSTAT1 register. If any supply error is present, the timer is reset to tUVOV_RCV.
This bit is cleared based on the state of the SUP_ERR_DIS bit in the DEVLOCK_WR
register as shown in Section 11.2.2.4.
INTREG_ERR
Error condition
0
No error detected
1
Internal Digital Regulator Voltage Out of Range
Table 59. Internal digital regulator voltage out of range error (INTREG_ERR)
11.2.2.13 Internal OTP regulator voltage out of range error (INTREGF_ERR)
The internal OTP regulator voltage out of range error bit is set if the internal OTP
regulator voltage falls outside expected limits. A common timer is used for all error bits
in the DEVSTAT1 register. If any supply error is present, the timer is reset to tUVOV_RCV.
This bit is cleared based on the state of the SUP_ERR_DIS bit in the DEVLOCK_WR
register as shown in Section 11.2.2.4.
INTREGF_ERR
Error condition
0
No error detected
1
Internal OTP Regulator Voltage Out of Range
Table 60. Internal OTP regulator voltage out of range error (INTREGF_ERR)
11.2.2.14 Continuity monitor error (CONT_ERR)
The continuity monitor passes a low current through a connection around the perimeter
of the device and monitors the continuity of the connection. The error bit is set if a
discontinuity is detected in the connection. A common timer is used for all error bits in the
DEVSTAT1 register. If the CONT_ERR bit is set, the timer is reset to tUVOV_RCV. This bit
is cleared based on the state of the SUP_ERR_DIS bit in the DEVLOCK_WR register as
shown in Section 11.2.2.4.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
46 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com