Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 52Page - NXP Semiconductors FXLS90120 Datasheet HTML 53Page - NXP Semiconductors FXLS90120 Datasheet HTML 54Page - NXP Semiconductors FXLS90120 Datasheet HTML 55Page - NXP Semiconductors FXLS90120 Datasheet HTML 56Page - NXP Semiconductors FXLS90120 Datasheet HTML 57Page - NXP Semiconductors FXLS90120 Datasheet HTML 58Page - NXP Semiconductors FXLS90120 Datasheet HTML 59Page - NXP Semiconductors FXLS90120 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
If the bit is set from SPI mode, the process occurs once the PSI5_TEST bit is set with no
SPI reply necessary.
If the bit is set from I2C mode, the process occurs once the PSI5_TEST bit is set with no
I2C reply necessary.
If PSI5 mode is enabled in the COMMTYPE register, this bit has no impact on device
operation or performance.
11.2.10 UF region selection registers (UF_REGION_x)
The UF region load register is a user read/write register that contains the control bits for
the UF0 and UF1 regions to be accessed. This register is included in the user read/write
array error detection. The UF region active register is a read-only register that contains
the status bits for the UF0 and UF1 regions to be accessed.
The UF_REGION_W register is readable and writable in DSI3 mode, SPI mode, I2C
mode or PSI5 Programming Mode. The UF_REGION_R register is readable in DSI3
mode, SPI mode, I2C mode or PSI5 Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$14
UF_
REGION_W
REGION_LOAD[3:0]
0
0
0
0
$15
UF_REGION_R
REGION_ACTIVE[3:0]
0
0
0
0
Reset Value
1
1
1
0
0
0
0
0
Table 81. UF region selection registers (UF_REGION_x)
The user OTP regions UF0, UF1, and F share a block of 16 registers. Prior to reading the
registers via any communication interface, the user must ensure that the desired OTP
registers are loaded into the readable registers. To ensure proper reading of the UF0,
UF1 and F registers, follow this procedure:
1. Write the desired address range to be read to the REGION_LOAD[3:0] bits in the
UF_REGION_W register using one of the communication interfaces available via the
COMMTYPE register.
REGION_LOAD[3:0]
OTP register addresses loaded into the readable
registers
0
0
0
0
Not Applicable
0
0
0
1
Not Applicable
0010 through 1001
RESERVED
1
0
1
0
Address Range $A0 through $AF
1
0
1
1
Address Range $B0 through $BF
1
1
0
0
Address Range $C0 through $CF
1
1
0
1
Address Range $D0 through $DF
1
1
1
0
Address Range $E0 through $EF
1
1
1
1
Address Range $F0 through $FF
Table 82. Region load bits
2. Delay a minimum of tSSN_UF01.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
56 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com