Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 56Page - NXP Semiconductors FXLS90120 Datasheet HTML 57Page - NXP Semiconductors FXLS90120 Datasheet HTML 58Page - NXP Semiconductors FXLS90120 Datasheet HTML 59Page - NXP Semiconductors FXLS90120 Datasheet HTML 60Page - NXP Semiconductors FXLS90120 Datasheet HTML 61Page - NXP Semiconductors FXLS90120 Datasheet HTML 62Page - NXP Semiconductors FXLS90120 Datasheet HTML 63Page - NXP Semiconductors FXLS90120 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
1
1
0
0
0
0
0
0
$1B
SOURCEID_1
SID1_EN
RESERVED
RESERVED
RESERVED
SOURCEID_1[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 88. Source identification registers (SOURCEID_x)...continued
11.2.13.1 Data source enable bits (SIDx_EN)
The SIDx_EN bits enable the data source for the associated source identification as
described in Section 11.2.13.3.
11.2.13.2 PDCM format control bits (PDCMFORMAT[2:0])
In DSI3 mode, the PDCM format control bits set the PDCM field sizes as shown in
Table 89. See Section 12.4.2 for PDCM response format details.
PDCMFORMAT[2:0]
Source ID field
size (Bits)
Keep alive
counter field
size (Bits)
Status field size
(Bits)
Data field size
(Bits)
Total
including CRC
(Bits)
0
0
0
0
2
4
10
24
0
0
1
4
2
4
10
28
0
1
0
0
0
4
12
24
0
1
1
4
0
4
12
28
1
0
0
0
2
0
10
20
1
0
1
0
0
0
16
24
1
1
0
0
0
4
16
28
1
1
1
4
0
4
16
32
Table 89. PDCM format control bits (PDCMFORMAT[2:0])
In PSI5 mode, the PDCM format control bits set the PSI5 response format as shown
in Table 90. See Section 13.3.2 for PSI5 response format details. Note: the data field
size applies to all modes except Programming Mode which has a fixed size of 10 bits.
The user must take care to prevent from combining incompatible data field sizes and
transmission times.
PDCMFORMAT[2:0]
Data field size (Bits)
0
x
x
10
1
x
x
16
Table 90. PDCM format control bits
In SPI and I2C mode, the PDCMFORMAT bits are readable and writable, but have no
impact on device operation or performance.
11.2.13.3 Source identification (SOURCEID_x)
In SPI mode, the SOURCEID field in the SPI command is compared against the values
in the SOURCEID_x registers. If the SOURCEID field matches one of the values in the
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
60 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com