Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 7Page - NXP Semiconductors FXLS90120 Datasheet HTML 8Page - NXP Semiconductors FXLS90120 Datasheet HTML 9Page - NXP Semiconductors FXLS90120 Datasheet HTML 10Page - NXP Semiconductors FXLS90120 Datasheet HTML 11Page - NXP Semiconductors FXLS90120 Datasheet HTML 12Page - NXP Semiconductors FXLS90120 Datasheet HTML 13Page - NXP Semiconductors FXLS90120 Datasheet HTML 14Page - NXP Semiconductors FXLS90120 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Pin
Pin Name
Definition
Description
3, 4, 5, 6
TEST
Test Pin
NXP recommends that these pins be unterminated. Optionally, this pin can be
tied to VSS.
7, 14
VSS
Supply Return This pin is the supply return node.
8
SS_B
Slave select
In SPI mode, this input pin provides the slave select for the SPI port. An
internal pull-up device is connected to this pin.
In I2C mode, this pin must be connected to VBUF with an external pull-up
resistor as shown in Figure 6.
9
SCLK/SCL
SPI Clock
In SPI mode, this input pin provides the serial clock. An internal pull-down
device is connected to this pin.
In I2C mode, this input pin provides the serial clock. This pin must be
connected to VBUF with an external pull-up resistor as shown in Figure 6.
10
MOSI
SPI Data In
In SPI mode, this pin functions as the serial data input to the SPI port. An
internal pull-down device is connected to this pin.
In I2C mode, NXP recommends that this pin be unterminated. Optionally, this
pin can be connected to VSS.
11
MISO/SDA
SPI Data Out
In SPI mode, this pin functions as the serial data output.
In I2C mode, this pin functions as the serial data input/output. This pin must be
connected to VBUF with an external pull-up resistor as shown in Figure 6.
12
PCM0 / ARM0 Channel 0
PCM
Channel 0 Arm
This pin has multiplexed functions:
• When the channel 0 arming output is selected, the pin can be configured
as an open-drain, active low output with a pull-up current; or an open-drain,
active high output with a pull-down current.
• When PCM mode is selected, this pin can be configured as a digital output
with PCM signal proportional to the channel 0 sensor data.
If unused, or in I2C mode, NXP recommends that this pin be unterminated.
13, 15, 16 VCC
Supply
This pin is connected to the supply for the device. An external capacitor must
be connected between this pin and VSS as shown in Figure 5 and Figure 6.
17
PAD
Die Attach Pad This pin is the die attach flag, and must be connected to VSS. See Section 16
for die attach pad connection details.
Table 9. Device pinout: SPI or I2C mode...continued
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
11 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com