Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 85Page - NXP Semiconductors FXLS90120 Datasheet HTML 86Page - NXP Semiconductors FXLS90120 Datasheet HTML 87Page - NXP Semiconductors FXLS90120 Datasheet HTML 88Page - NXP Semiconductors FXLS90120 Datasheet HTML 89Page - NXP Semiconductors FXLS90120 Datasheet HTML 90Page - NXP Semiconductors FXLS90120 Datasheet HTML 91Page - NXP Semiconductors FXLS90120 Datasheet HTML 92Page - NXP Semiconductors FXLS90120 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$50
OC_PHASE_CFG CH0_OCFINAL
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 162. Offset cancellation user configuration register (OC_PHASE_CFG)
11.2.30.1 Channel 0 offset cancellation final phase control bit (CH0_OCFINAL)
The channel 0 offset cancellation final phase control bit provides the option for the user to
control the final offset cancellation phase for normal mode as shown in Table 163.
CH0_
OCFINAL
Channel 0 offset cancellation final phase for normal mode
0
Phase 6 (a or b) as specified in the table in Section 11.6.4.6
1
Phase 5 as specified in the table in Section 11.6.4.6
(Rate Limiting is always bypassed)
Table 163. Channel 0 offset cancellation final phase control bit (CH0_OCFINAL)
11.2.31 User offset calibration registers (Chx_U_OFFSET_L, Chx_U_OFFSET_H)
The user offset calibration registers contain a user programmable 16-bit signed offset
correction value for the sensor data.
These registers can be written during initialization but are locked once the ENDINIT bit
is set. Refer to Section 11.2.6. The registers are included in the read/write array error
detection.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$55
CH0_U_OFFSET_L
CH0_U_OFFSET[7:0]
$56
CH0_U_OFFSET_H
CH0_U_OFFSET[15:8]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 164. User offset calibration registers (Chx_U_OFFSET_L, Chx_U_OFFSET_H)
The value programmed into the user offset calibration register is directly added to the
sensor data after the user sensitivity scaling but before the offset cancellation. See
Section 11.6.4.9 for scaling of the CHx_U_OFFSET value. The CHx-_U_OFFSET
register has the same resolution as the sensor value in the SNSDATAx registers. A 1
LSB change in the CHx-_U_OFFSET register will result in a 1 LSB change to the value in
the SNSDATAx registers.
Note: The user offset calibration register range is larger than the full scale range of the
output. The user must take care to ensure that the value stored in this register does not
result in a compressed output range or a railed output.
11.2.32 Channel-specific status register (CH0_STAT)
The channel-specific status register is a read-only register which contains sensor data-
specific status information.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 programming mode.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
89 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com