Electronic Components Datasheet Search
  English  ▼

X  

FXLS90120 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 78Page - NXP Semiconductors FXLS90120 Datasheet HTML 79Page - NXP Semiconductors FXLS90120 Datasheet HTML 80Page - NXP Semiconductors FXLS90120 Datasheet HTML 81Page - NXP Semiconductors FXLS90120 Datasheet HTML 82Page - NXP Semiconductors FXLS90120 Datasheet HTML 83Page - NXP Semiconductors FXLS90120 Datasheet HTML 84Page - NXP Semiconductors FXLS90120 Datasheet HTML 85Page - NXP Semiconductors FXLS90120 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
MOVEAVG[1] MOVEAVG[0]
Typical signal
sampling period
(Dependent on oscillator)
(µs)
Signal chain
moving average
Interpolation
1
0
64
8 Sample Moving Average
Disabled
1
1
128
8 Sample Moving Average
Disabled
Table 145. Signal chain moving average selection bits (MOVEAVG[1:0])...continued
Changes to these register bits reset the DSP data path. The contents of the SNSDATA_x
registers are not guaranteed until the DSP has completed initialization as specified in
Section 10.20. Reads of the SNSDATA_x registers and Sensor Data requests should be
prevented during this time.
11.2.26 Channel 0 user configuration #4 register (CH0_CFG_U4)
The Channel 0 user configuration #4 register is a user programmable read/write register
which contains channel-specific configuration information. This register is included in the
read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$43
CH0_CFG_U4
RESET_OC
INVERT
OC_FILT[1:0]
PCM
ARM_CFG[2:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 146. Channel 0 user configuration #4 register (CH0_CFG_U4)
11.2.26.1 Reset offset cancellation startup bit (RESET_OC)
When the reset offset cancellation startup bit is written to logic 1, the offset cancellation
startup is forced to phase 0 and follows the phase advancement as documented in
Section 11.6.4.6. The RESET_OC bit is cleared when the offset cancellation phase
reaches phase 1.
11.2.26.2 Signal inversion bit (INVERT)
The signal inversion bit provides the option to invert the polarity of the sensor signals as
shown in Table 147.
INVERT Acceleration
sensor data
Fixed pattern
self-test
Digital self-test
Analog self-test
Temperature
Positive
Self-Test:
Delta from Offset as
specified in Section 10
0
As shown in
Section 8.
As specified in
Section 11.2.27.1
Digital Self-Test
Activation results in
the values specified
in Section 10.8.
Negative
Self-Test:
Delta from Offset inverted
from the specified values
in Section 10.8 (Negative
Values)
As specified in
Section 11.7.2
Table 147. Signal inversion bit (INVERT)
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
82 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com