Electronic Components Datasheet Search
  English  ▼

X  

FXLS8967AF Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 69Page - NXP Semiconductors FXLS8967AF Datasheet HTML 70Page - NXP Semiconductors FXLS8967AF Datasheet HTML 71Page - NXP Semiconductors FXLS8967AF Datasheet HTML 72Page - NXP Semiconductors FXLS8967AF Datasheet HTML 73Page - NXP Semiconductors FXLS8967AF Datasheet HTML 74Page - NXP Semiconductors FXLS8967AF Datasheet HTML 75Page - NXP Semiconductors FXLS8967AF Datasheet HTML 76Page - NXP Semiconductors FXLS8967AF Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
4
Y_OT_EN
SDCD function Y-axis outside-of-thresholds condition
0: Y-axis data or delta is not used in the outside of thresholds condition evaluation.
1: Y-axis data or delta is used in the outside of thresholds condition evaluation.
3
Z_OT_EN
SDCD function Z-axis outside-of-thresholds condition
0: Z-axis data or delta is not used in the outside of thresholds condition evaluation.
1: Z-axis data or delta is used in the outside of thresholds condition evaluation.
2
X_WT_EN
SDCD function X-axis within-thresholds condition
0: X-axis data or delta is not used in the within thresholds condition evaluation.
1: X-axis data or delta is used in the within thresholds condition evaluation.
1
Y_WT_EN
SDCD function Y-axis within-thresholds condition
0: Y-axis data or delta is not used in the within thresholds condition evaluation.
1: Y-axis data or delta is used in the within thresholds condition evaluation.
0
Z_WT_EN
SDCD function Z-axis within-thresholds condition
0: Z-axis data or delta is not used in the within thresholds condition evaluation.
1: Z-axis data or delta is used in the within thresholds condition evaluation.
Table 101. SDCD_CONFIG1 register (address 2Fh) bit description...continued
15.31.4 SDCD_CONFIG2 register (address 30h)
Bit
7
6
5
4
3
2
1
0
Name
SDCD_EN
REF_UPDM[1:0]
OT_
DBCTM
WT_
DBCTM
WT_
LOG_SEL
MODE
REF_UPD
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
1
1
0
1
1
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 102. SDCD_CONFIG2 register (address 30h) bit allocation
Field
Description
7
SDCD_EN
SDCD function
0 (default after a POR or soft reset event when BT_MODE = GND): SDCD function is disabled. All
clocks and power for the function are turned off.
1 (default after a POR or soft reset event when BT_MODE = VDD and MOT_DET = 1): SDCD function
is enabled. When this bit is set, the 12-bit reference values (
REF_X/Y/Z) are initialized per the
settings made in REF_UPDM[1:0].
Table 103. SDCD_CONFIG2 register (address 30h) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
73 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com