Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 38Page - Dialog Semiconductor AT25PE20 Datasheet HTML 39Page - Dialog Semiconductor AT25PE20 Datasheet HTML 40Page - Dialog Semiconductor AT25PE20 Datasheet HTML 41Page - Dialog Semiconductor AT25PE20 Datasheet HTML 42Page - Dialog Semiconductor AT25PE20 Datasheet HTML 43Page - Dialog Semiconductor AT25PE20 Datasheet HTML 44Page - Dialog Semiconductor AT25PE20 Datasheet HTML 45Page - Dialog Semiconductor AT25PE20 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
41
AT25PE20
DS-25PE20–139C–8/2018
18.
Electrical Specifications
18.1
Absolute Maximum Ratings*
18.2
DC and AC Operating Range
Temperature under Bias . . . . . . . -55°C to +125°C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions beyond those indicated in
the operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.Voltage extremes referenced in the
“Absolute Maximum Ratings” are intended to
accommodate short duration
undershoot/overshoot conditions and does not
imply or guarantee functional device operation at
these levels for any extended period of time.
Storage Temperature . . . . . . . . . . -65°C to +150°C
Absolute Maximum Vcc . . . . . . . . . . . . . . . . .3.96V
All Output Voltages with Respect to Ground
. . . . . . . . -0.6V to 4.2V (Max V
CC of 3.6V + 0.6V)
All Input Voltages with Respect to Ground
(excluding V
CC pin, including NC pins)
. . . . . . . . -0.6V to 4.2V (Max V
CC of 3.6V + 0.6V)
AT25PE20
Operating Temperature (Case)
Industrial
-40°C to 85°C
VCC Power Supply
1.65V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com