Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 32Page - Dialog Semiconductor AT25PE20 Datasheet HTML 33Page - Dialog Semiconductor AT25PE20 Datasheet HTML 34Page - Dialog Semiconductor AT25PE20 Datasheet HTML 35Page - Dialog Semiconductor AT25PE20 Datasheet HTML 36Page - Dialog Semiconductor AT25PE20 Datasheet HTML 37Page - Dialog Semiconductor AT25PE20 Datasheet HTML 38Page - Dialog Semiconductor AT25PE20 Datasheet HTML 39Page - Dialog Semiconductor AT25PE20 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
35
AT25PE20
DS-25PE20–139C–8/2018
15.
Command Tables
Table 15-1. Read Commands
Table 15-2. Program and Erase Commands
Command
Opcode
Main Memory Page Read
D2h
Continuous Array Read (Low Power Mode)
01h
Continuous Array Read (Low Frequency)
03h
Continuous Array Read (High Frequency)
0Bh
Continuous Array Read (Legacy Command – Not Recommended for New Designs)
E8h
Buffer Read (Low Frequency)
D1h
Buffer Read (High Frequency)
D4h
Command
Opcode
Buffer Write
84h
Buffer to Main Memory Page Program with Built-In Erase
83h
Buffer to Main Memory Page Program without Built-In Erase
88h
Main Memory Page Program through Buffer with Built-In Erase
82h
Main Memory Byte/Page Program through Buffer without Built-In Erase
02h
Page Erase
81h
Block Erase
50h
Sector Erase
7Ch
Chip Erase
C7h + 94h + 80h + 9Ah
Read-Modify-Write through Buffer 1
58h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com