Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 7Page - Dialog Semiconductor AT25PE20 Datasheet HTML 8Page - Dialog Semiconductor AT25PE20 Datasheet HTML 9Page - Dialog Semiconductor AT25PE20 Datasheet HTML 10Page - Dialog Semiconductor AT25PE20 Datasheet HTML 11Page - Dialog Semiconductor AT25PE20 Datasheet HTML 12Page - Dialog Semiconductor AT25PE20 Datasheet HTML 13Page - Dialog Semiconductor AT25PE20 Datasheet HTML 14Page - Dialog Semiconductor AT25PE20 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
10
AT25PE20
DS-25PE20–139C–8/2018
6.
Program and Erase Commands
6.1
Buffer Write
Utilizing the Buffer Write command allows data clocked in from the SI pin to be written directly into the data buffer.
To load data into the Buffer using the optional DataFlash-L buffer size (264 bytes), an opcode of 84h must be clocked
into the device followed by three address bytes comprised of 15 dummy bits and nine buffer address bits (BFA8 - BFA0).
The nine buffer address bits specify the first byte in the Buffer to be written.
To load data into the Buffer using the default buffer size (256 bytes), an opcode of 84h must be clocked into the device
followed by 16 dummy bits and eight address bits (A7 - A0). The eight address bits specify the first byte in the Buffer to
be written.
After the last address byte has been clocked into the device, data can then be clocked in on subsequent clock cycles. If
the end of the data buffer is reached, the device will wrap around back to the beginning of the Buffer. Data will continue
to be loaded into the Buffer until a low-to-high transition is detected on the CS pin.
6.2
Buffer to Main Memory Page Program with Built-In Erase
The Buffer to Main Memory Page Program with Built-In Erase command allows data that is stored in the Buffer to be
written into an erased or programmed page in the main memory array. It is not necessary to pre-erase the page in main
memory to be written because this command will automatically erase the selected page prior to the program cycle.
To perform a Buffer to Main Memory Page Program with Built-In Erase using the optional DataFlash-L page size
(264 bytes), an opcode of 83h must be clocked into the device followed by three address bytes comprised of five dummy
bits,10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine dummy bits.
To perform a Buffer to Main Memory Page Program with Built-In Erase using the default page size (256 bytes), an
opcode of 83h must be clocked into the device followed by three address bytes comprised of six dummy bits, 10 page
address bits (A17 - A8) that specify the page in the main memory to be written, and eight dummy bits.
When a low-to-high transition occurs on the CS pin, the device will first erase the selected page in main memory
(the erased state is a Logic 1) and then program the data stored in the Buffer into that same page in main memory. Both
the erasing and the programming of the page are internally self-timed and should take place in a maximum time of tEP.
During this time, the RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates intelligent erase and program algorithms that can detect when a byte location fails to erase
or program properly. If an erase or programming error arises, it will be indicated by the EPE bit in the Status Register.
6.3
Buffer to Main Memory Page Program without Built-In Erase
The Buffer to Main Memory Page Program without Built-In Erase command allows data that is stored in the Buffer to be
written into a pre-erased page in the main memory array. It is necessary that the page in main memory to be written be
previously erased in order to avoid programming errors.
To perform a Buffer to Main Memory Page Program without Built-In Erase using the optional DataFlash-L page size
(264 bytes), an opcode of 88h must be clocked into the device followed by three address bytes comprised of five dummy
bits,10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine dummy bits.
To perform a Buffer to Main Memory Page Program using the default page size (256 bytes), an opcode 88h must be
clocked into the device followed by three address bytes comprised of six dummy bits, 10 page address bits (A17 - A8)
that specify the page in the main memory to be written, and eight dummy bits.
When a low-to-high transition occurs on the CS pin, the device will program the data stored in the Buffer into the
specified page in the main memory. The page in main memory that is being programmed must have been previously
erased using one of the erase commands (Page Erase, Block Erase, Sector Erase, or Chip Erase). The programming of
the page is internally self-timed and should take place in a maximum time of tP. During this time, the RDY/BUSY bit in the
Status Register will indicate that the device is busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com