Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 25Page - Dialog Semiconductor AT25PE20 Datasheet HTML 26Page - Dialog Semiconductor AT25PE20 Datasheet HTML 27Page - Dialog Semiconductor AT25PE20 Datasheet HTML 28Page - Dialog Semiconductor AT25PE20 Datasheet HTML 29Page - Dialog Semiconductor AT25PE20 Datasheet HTML 30Page - Dialog Semiconductor AT25PE20 Datasheet HTML 31Page - Dialog Semiconductor AT25PE20 Datasheet HTML 32Page - Dialog Semiconductor AT25PE20 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
28
AT25PE20
DS-25PE20–139C–8/2018
10.2
Ultra-Deep Power-Down
The Ultra-Deep Power-Down mode allows the device to consume far less power compared to the standby and Deep
Power-Down modes by shutting down additional internal circuitry. Since almost all active circuitry is shut down in this
mode to conserve power, the contents of the Buffer cannot be maintained. Therefore, any data stored in the Buffer will be
lost once the device enters the Ultra-Deep Power-Down mode.
When the device is in the Ultra-Deep Power-Down mode, all commands including the Status Register Read and Resume
from Deep Power-Down commands will be ignored. Since all commands will be ignored, the mode can be used as an
extra protection mechanism against program and erase operations.
Entering the Ultra-Deep Power-Down mode is accomplished by simply asserting the CS pin, clocking in the opcode 79h,
and then deasserting the CS pin. Any additional data clocked into the device after the opcode will be ignored. When the
CS pin is deasserted, the device will enter the Ultra-Deep Power-Down mode within the maximum time of t
EUDPD.
The complete opcode must be clocked in before the CS pin is deasserted; otherwise, the device will abort the operation
and return to the standby mode once the CS pin is deasserted. In addition, the device will default to the standby mode
after a power cycle.
The Ultra-Deep Power-Down command will be ignored if an internally self-timed operation such as a program or erase
cycle is in progress. The Ultra-Deep Power-Down command must be reissued after the internally self-timed operation
has been completed in order for the device to enter the Ultra-Deep Power-Down mode.
Figure 10-3. Ultra-Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
2
3
1
0
0
6
7
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
t
EUDPD
1
1
1
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com