Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 10Page - Dialog Semiconductor AT25PE20 Datasheet HTML 11Page - Dialog Semiconductor AT25PE20 Datasheet HTML 12Page - Dialog Semiconductor AT25PE20 Datasheet HTML 13Page - Dialog Semiconductor AT25PE20 Datasheet HTML 14Page - Dialog Semiconductor AT25PE20 Datasheet HTML 15Page - Dialog Semiconductor AT25PE20 Datasheet HTML 16Page - Dialog Semiconductor AT25PE20 Datasheet HTML 17Page - Dialog Semiconductor AT25PE20 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
13
AT25PE20
DS-25PE20–139C–8/2018
Table 6-1.
Block Erase Addressing
6.8
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
The main memory array is comprised of nine sectors, and only one sector can be erased at a time. To perform an erase
of Sector 0a or Sector 0b with the optional DataFlash-L page size (264 bytes), an opcode of 7Ch must be clocked into the
device followed by three address bytes comprised of five dummy bits, seven page address bits (PA9 - PA3), and
12 dummy bits. To perform a Sector 1-7 erase, an opcode of 7Ch must be clocked into the device followed by three
address bytes comprised of five dummy bits, three page address bits (PA9 - PA7), and 16 dummy bits.
To perform a Sector 0a or Sector 0b erase with the default page size (256 bytes), an opcode of 7Ch must be clocked into
the device followed by three address bytes comprised of six dummy bits, seven page address bits (A17 - A11), and
11 dummy bits. To perform a Sector 1-7 erase, an opcode of 7Ch must be clocked into the device followed by six dummy
bits, three page address bits (A17 - A15), and 15 dummy bits.
The page address bits are used to specify any valid address location within the sector is to be erased. When a
low-to-high transition occurs on the CS pin, the device will erase the selected sector. The erase operation is internally
self-timed and should take place in a maximum time of t
SE. During this time, the RDY/BUSY bit in the Status Register will
indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
PA9/A17
PA8/A16
PA7/A15
PA6/A14
PA5/A13
PA4/A12
PA3/A11
PA2/A10
PA1/A9
PA0/A8
Block
0
0
0
0
0
0
0
X
X
X
0
0
0
0
0
0
0
1
X
X
X
1
0
0
0
0
0
1
0
X
X
X
2
0
0
0
0
0
1
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
0
0
X
X
X
124
1
1
1
1
1
0
1
X
X
X
125
1
1
1
1
1
1
0
X
X
X
126
1
1
1
1
1
1
1
X
X
X
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com