Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 55 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 55 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 51Page - Dialog Semiconductor AT25PE20 Datasheet HTML 52Page - Dialog Semiconductor AT25PE20 Datasheet HTML 53Page - Dialog Semiconductor AT25PE20 Datasheet HTML 54Page - Dialog Semiconductor AT25PE20 Datasheet HTML 55Page - Dialog Semiconductor AT25PE20 Datasheet HTML 56Page - Dialog Semiconductor AT25PE20 Datasheet HTML 57Page - Dialog Semiconductor AT25PE20 Datasheet HTML 58Page - Dialog Semiconductor AT25PE20 Datasheet HTML 59Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
54
AT25PE20
DS-25PE20–139C–8/2018
Figure 25-7. Read Sector Protection Register (Opcode 32h)
Figure 25-8. Read Security Register (Opcode 77h)
Figure 25-9.
Status Register Read (Opcode D7h)
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
1
1
0
0
1
0
6
7
5
4
10 11
9
8
12
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
X
X
X
X
X
X
X
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
1
1
1
0
1
1
1
6
7
5
4
10 11
9
8
12
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
X
X
X
X
X
X
X
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
Dummy Bits
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
2
3
1
0
1
1
0
1
0
1
1
1
6
7
5
4
10 11
9
8
12
21 22
17
20
19
18
15 16
13 14
23 24
Opcode
MSB
MSB
D
D
D
D
D
D
D
D
D
D
MSB
D
D
D
D
D
D
D
D
Status Register Data
Status Register Data
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com