Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 52Page - Dialog Semiconductor AT25PE20 Datasheet HTML 53Page - Dialog Semiconductor AT25PE20 Datasheet HTML 54Page - Dialog Semiconductor AT25PE20 Datasheet HTML 55Page - Dialog Semiconductor AT25PE20 Datasheet HTML 56Page - Dialog Semiconductor AT25PE20 Datasheet HTML 57Page - Dialog Semiconductor AT25PE20 Datasheet HTML 58Page - Dialog Semiconductor AT25PE20 Datasheet HTML 59Page - Dialog Semiconductor AT25PE20 Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
55
AT25PE20
DS-25PE20–139C–8/2018
Figure 25-10. Manufacturer and Device Read (Opcode 9Fh)
Figure 25-11.Reset Timing
Note:
1.
The CS signal should be in the high state before the RESET signal is deasserted.
SCK
CS
SI
SO
6
0
9Fh
8
7
47
Opcode
1Fh
00h
01h
00h
Manufacturer ID
Device ID
Byte 1
Device ID
Byte 2
EDI
String Length
EDI
Data Byte 1
High-impedance
14
16
15
22
24
23
38
40
39
30
32
31
Note: Each transition
shown for SI and SO represents one byte (eight bits)
23h
CS
SCK
RESET
SO (Output)
High-impedance
High-impedance
SI (Input)
tRST
tREC
tCSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com