Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 33Page - Dialog Semiconductor AT25PE20 Datasheet HTML 34Page - Dialog Semiconductor AT25PE20 Datasheet HTML 35Page - Dialog Semiconductor AT25PE20 Datasheet HTML 36Page - Dialog Semiconductor AT25PE20 Datasheet HTML 37Page - Dialog Semiconductor AT25PE20 Datasheet HTML 38Page - Dialog Semiconductor AT25PE20 Datasheet HTML 39Page - Dialog Semiconductor AT25PE20 Datasheet HTML 40Page - Dialog Semiconductor AT25PE20 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
36
AT25PE20
DS-25PE20–139C–8/2018
Table 15-3. Protection and Security Commands
Table 15-4. Additional Commands
Table 15-5. Legacy Commands(1)
Note:
1.
Legacy commands are not recommended for new designs.
Command
Opcode
Enable Sector Protection
3Dh + 2Ah + 7Fh + A9h
Disable Sector Protection
3Dh + 2Ah + 7Fh + 9Ah
Erase Sector Protection Register
3Dh + 2Ah + 7Fh + CFh
Program Sector Protection Register
3Dh + 2Ah + 7Fh + FCh
Read Sector Protection Register
32h
Read Security Register
77h
Command
Opcode
Main Memory Page to Buffer Transfer
53h
Main Memory Page to Buffer Compare
60h
Auto Page Rewrite
58h
Deep Power-Down
B9h
Resume from Deep Power-Down
ABh
Ultra-Deep Power-Down
79h
Status Register Read
D7h
Manufacturer and Device ID Read
9Fh
Configure Default 256 Byte Page Size
3Dh + 2Ah + 80h + A6h
Configure Optional 264 Byte DataFlash-L Page Size
3Dh + 2Ah + 80h + A7h
Software Reset
F0h + 00h + 00h + 00h
Command
Opcode
Buffer Read
54H
Main Memory Page Read
52H
Continuous Array Read
68H
Status Register Read
57H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com