Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 39Page - Dialog Semiconductor AT25PE20 Datasheet HTML 40Page - Dialog Semiconductor AT25PE20 Datasheet HTML 41Page - Dialog Semiconductor AT25PE20 Datasheet HTML 42Page - Dialog Semiconductor AT25PE20 Datasheet HTML 43Page - Dialog Semiconductor AT25PE20 Datasheet HTML 44Page - Dialog Semiconductor AT25PE20 Datasheet HTML 45Page - Dialog Semiconductor AT25PE20 Datasheet HTML 46Page - Dialog Semiconductor AT25PE20 Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
42
AT25PE20
DS-25PE20–139C–8/2018
18.3
DC Characteristics
Notes: 1. Typical values measured at 1.8V @ 25°C for the 1.65V to 3.6V range.
2. Typical values measured at 3.0V @ 25°C for the 2.3V to 3.6V range.
3. All inputs (SI, SCK, CS, WP, and RESET) are guaranteed by design to be 5V toleran
t.
18.4
AC Characteristics
Symbol
Parameter
Condition(3)
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
I
UDPD
Ultra-Deep Power-
Down Current
CS= V
CC. All other inputs at
0V or V
CC
0.5
2
0.4
2
µA
I
DPD
Deep Power-Down
Current
CS= V
CC. All other inputs at
0V or V
CC
6
12
8
12
µA
I
SB
Standby Current
CS= V
CC. All other inputs at
0V or V
CC
25
40
25
40
µA
I
CC1
(1)(2)
Active Current, Low
Power Read (01h)
Operation
f = 1MHz; I
OUT = 0mA
6
9
6
9
mA
f = 15MHz; IOUT = 0mA
7
10
7
10
mA
I
CC2
(1)(2)
Active Current,
Read Operation
f = 50MHz; I
OUT = 0mA
10
12
10
12
mA
f = 85MHz; I
OUT = 0mA
12
15
12
15
mA
I
CC3
(1)(2)
Active Current,
Program Operation
CS = V
CC
10
12
10
12
mA
I
CC4
(1)(2)
Active Current,
Erase Operation
CS = V
CC
8
12
8
12
mA
ILI
Input Load Current
All inputs at CMOS levels
1
1
µA
I
LO
Output Leakage
Current
All inputs at CMOS levels
1
1
µA
V
IL
Input Low Voltage
V
CC x
0.2
V
CC x
0.3
V
V
IH
Input High Voltage
V
CC x
0.8
V
CC x
0.7
V
V
OL
Output Low Voltage
I
OL = 100µA
0.2
0.4
V
V
OH
Output High
Voltage
I
OH = -100µA
V
CC -
0.2V
V
CC -
0.2V
V
Symbol
Parameter
1.65V to 3.6V
2.3V to 3.6V
Min
Typ
Max
Min
Typ
Max
Units
f
SCK
SCK Frequency
70
70
MHz
fCAR1
SCK Frequency for Continuous Read
70
85
MHz
f
CAR2
SCK Frequency for Continuous Read
(Low Frequency)
33
33
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com