Electronic Components Datasheet Search
  English  ▼

X  

AT25PE20 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 11Page - Dialog Semiconductor AT25PE20 Datasheet HTML 12Page - Dialog Semiconductor AT25PE20 Datasheet HTML 13Page - Dialog Semiconductor AT25PE20 Datasheet HTML 14Page - Dialog Semiconductor AT25PE20 Datasheet HTML 15Page - Dialog Semiconductor AT25PE20 Datasheet HTML 16Page - Dialog Semiconductor AT25PE20 Datasheet HTML 17Page - Dialog Semiconductor AT25PE20 Datasheet HTML 18Page - Dialog Semiconductor AT25PE20 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
14
AT25PE20
DS-25PE20–139C–8/2018
Table 6-2.
Sector Erase Addressing
6.9
Chip Erase
The Chip Erase command allows the entire main memory array to be erased at one time.
To execute the Chip Erase command, a 4-byte command sequence of C7h, 94h, 80h, and 9Ah must be clocked into the
device. Since the entire memory array is to be erased, no address bytes need to be clocked into the device and any data
clocked in after the opcode will be ignored. After the last bit of the opcode sequence has been clocked in, the CS pin
must be deasserted to start the erase process. The erase operation is internally self-timed and should take place in a
time of t
CE. During this time, the RDY/BUSY bit in the Status Register will indicate that the device is busy.
The Chip Erase command will not affect sectors that are protected or locked down; the contents of those sectors will
remain unchanged. Only those sectors that are not protected or locked down will be erased.
The WP pin can be asserted while the device is erasing, but protection will not be activated until the internal erase cycle
completes.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
Table 6-3.
Chip Erase Command
Figure 6-1.
Chip Erase
PA9/A17
PA8/A16
PA7/A15
PA6/A14
PA5/A13
PA4/A12
PA3/A11
PA2/A10
PA1/A9
PA0/A8
Sector
0
0
0
0
0
0
0
X
X
X
0a
0
0
0
0
0
0
1
X
X
X
0b
0
0
1
X
X
X
X
X
X
X
1
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
0
1
X
X
X
X
X
X
X
5
1
1
0
X
X
X
X
X
X
X
6
1
1
1
X
X
X
X
X
X
X
7
Command
Byte 1
Byte 2
Byte 3
Byte 4
Chip Erase
C7h
94h
80h
9Ah
C7h
94h
80h
9Ah
CS
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com