Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 38Page - Dialog Semiconductor AT45DB021E Datasheet HTML 39Page - Dialog Semiconductor AT45DB021E Datasheet HTML 40Page - Dialog Semiconductor AT45DB021E Datasheet HTML 41Page - Dialog Semiconductor AT45DB021E Datasheet HTML 42Page - Dialog Semiconductor AT45DB021E Datasheet HTML 43Page - Dialog Semiconductor AT45DB021E Datasheet HTML 44Page - Dialog Semiconductor AT45DB021E Datasheet HTML 45Page - Dialog Semiconductor AT45DB021E Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
41
AT45DB021E
DS-AT45DB021E—8789J—03/2021
14
Software Reset
In some applications, it might be necessary to prematurely terminate a program or erase cycle early rather than
wait the hundreds of microseconds or milliseconds necessary for the program or erase operation to complete
normally. The Software Reset command allows a program or erase operation in progress to be ended abruptly and
returns the device to an idle state.
To perform a Software Reset, the CS pin must be asserted and a four-byte command sequence of F0h, 00h, 00h,
and 00h must be clocked into the device. Any additional data clocked into the device after the last byte are ignored.
When the CS pin is deasserted, the program or erase operation currently in progress is terminated within a time
tSWRST. Since the program or erase operation might not complete before the device is reset, the contents of the
page being programmed or erased cannot be guaranteed to be valid.
The Software Reset command has no effect on the states of the Sector Protection Register, the Sector Lockdown
Register, or the Buffer and page size configuration.
The complete four-byte opcode must be clocked into the device before the CS pin is deasserted; otherwise, no
reset operation is performed.
Table 14-1. Software Reset
Figure 14-1. Software Reset Timing
Command
Byte 1
Byte 2
Byte 3
Byte 4
Software Reset
F0h
00h
00h
00h
CS
SI
F0h
00h
00h
00h
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com