Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 8Page - Dialog Semiconductor AT45DB021E Datasheet HTML 9Page - Dialog Semiconductor AT45DB021E Datasheet HTML 10Page - Dialog Semiconductor AT45DB021E Datasheet HTML 11Page - Dialog Semiconductor AT45DB021E Datasheet HTML 12Page - Dialog Semiconductor AT45DB021E Datasheet HTML 13Page - Dialog Semiconductor AT45DB021E Datasheet HTML 14Page - Dialog Semiconductor AT45DB021E Datasheet HTML 15Page - Dialog Semiconductor AT45DB021E Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
11
AT45DB021E
DS-AT45DB021E—8789J—03/2021
6
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from the data buffer. The
DataFlash supports RapidS protocols for Mode 0 and Mode 3. See Section 26, Detailed Bit-Level Read
Waveforms: RapidS Mode 0/Mode 3, on page 60 for diagrams detailing the clock cycle sequences for each mode.
6.1
Continuous Array Read (Legacy Command: E8h)
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be
used to sequentially read a continuous stream of data from the device by providing a clock signal; no additional
addressing information or control signals is required. The DataFlash incorporates an internal address counter that
automatically increments on every clock cycle, allowing one continuous read from memory to be performed without
the need for additional address sequences. To perform a Continuous Array Read using the standard DataFlash
page size (264-bytes), an opcode of E8h must be clocked into the device followed by three address bytes (which
comprise the 19-bit page and byte address sequence) and four dummy bytes. The first 10 bits (PA9 - PA0) of the
19-bit address sequence specify which page of the main memory array to read and the last nine bits (BA8 - BA0) of
the 19-bit address sequence specify the starting byte address within the page. To perform a Continuous Array
Read using the binary page size (256 bytes), the opcode E8h must be clocked into the device followed by three
address bytes (A17 - A0) and four dummy bytes. The dummy bytes that follow the address bytes are needed to
initialize the read operation. Following the dummy bytes, additional clock pulses on the SCK pin result in data being
output on the SO (Serial Output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes and the reading
of data. When the end of a page in main memory is reached during a Continuous Array Read, the device continues
reading at the beginning of the next page with no delays incurred during the page boundary crossover (the
crossover from the end of one page to the beginning of the next page). When the last bit in the main memory array
has been read, the device continues reading back at the beginning of the first page of memory. As with crossing
over page boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of
the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
Note:
This command is not recommended for new designs.
6.2
Continuous Array Read (High Frequency Mode: 0Bh Opcode)
This command can be used to read the main memory array sequentially at the highest possible operating clock
frequency up to the maximum specified by fCAR1. To perform a Continuous Array Read using the standard
DataFlash page size (264 bytes), the CS pin must first be asserted, and then an opcode of 0Bh must be clocked
into the device followed by three address bytes and one dummy byte. The first 10 bits (PA9 - PA0) of the 19-bit
address sequence specify which page of the main memory array to read and the last nine bits (BA8 - BA0) of the
19-bit address sequence specify the starting byte address within the page. To perform a Continuous Array Read
using the binary page size (256 bytes), the opcode 0Bh must be clocked into the device followed by three address
bytes (A17 - A0) and one dummy byte. Following the dummy byte, additional clock pulses on the SCK pin result in
data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy byte, and the reading
of data. When the end of a page in the main memory is reached during a Continuous Array Read, the device
continues reading at the beginning of the next page with no delays incurred during the page boundary crossover
(the crossover from the end of one page to the beginning of the next page). When the last bit in the main memory
array has been read, the device continues reading back at the beginning of the first page of memory. As with
crossing over page boundaries, no delays are incurred when wrapping around from the end of the array to the
beginning of the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com