Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 2Page - Dialog Semiconductor AT45DB021E Datasheet HTML 3Page - Dialog Semiconductor AT45DB021E Datasheet HTML 4Page - Dialog Semiconductor AT45DB021E Datasheet HTML 5Page - Dialog Semiconductor AT45DB021E Datasheet HTML 6Page - Dialog Semiconductor AT45DB021E Datasheet HTML 7Page - Dialog Semiconductor AT45DB021E Datasheet HTML 8Page - Dialog Semiconductor AT45DB021E Datasheet HTML 9Page - Dialog Semiconductor AT45DB021E Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
5
AT45DB021E
DS-AT45DB021E—8789J—03/2021
1
Description
The Adesto® AT45DB021E is a 1.65 V minimum, serial-interface, sequential access Flash memory. It is ideally
suited for a wide variety of digital voice, image, program code, and data storage applications. The AT45DB021E
also supports the RapidS serial interface for applications requiring very high speed operation. Its 2,162,688 bits of
memory are organized as 1,024 pages of 256 bytes or 264 bytes each. In addition to the main memory,
AT45DB021E also contains one SRAM buffer of 256/264 bytes. The Buffer can be used as additional system
scratch memory, and E2PROM emulation (bit or byte alterability) can be easily handled with a self-contained three
step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel
interface, the Adesto DataFlash® uses a serial interface to sequentially access its data. The simple sequential
access dramatically reduces active pin count, facilitates simplified hardware layout, increases system reliability,
minimizes switching noise, and reduces package size. The device is optimized for use in many commercial and
industrial applications where high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, AT45DB021E does not require high input voltages for
programming. The device operates from a single 1.65 V to 3.6 V power supply for the erase and program and read
operations. The AT45DB021E is enabled through the Chip Select pin (CS) and accessed via a three-wire interface
consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com