Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 66Page - Dialog Semiconductor AT45DB021E Datasheet HTML 67Page - Dialog Semiconductor AT45DB021E Datasheet HTML 68Page - Dialog Semiconductor AT45DB021E Datasheet HTML 69Page - Dialog Semiconductor AT45DB021E Datasheet HTML 70Page - Dialog Semiconductor AT45DB021E Datasheet HTML 71Page - Dialog Semiconductor AT45DB021E Datasheet HTML 72Page - Dialog Semiconductor AT45DB021E Datasheet HTML 73Page - Dialog Semiconductor AT45DB021E Datasheet HTML 74Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
71
AT45DB021E
DS-AT45DB021E—8789J—03/2021
29.4 CS2-8A – 8-ball WLCSP
TITLE
DRAWING NO.
GPC
REV.
CS2-8A
YFG
A
CS2-8A, 8-ball ((2 x 4 Array), Wafer Level Chip Scale
Package (WLCSP)
COMMON DIMENSIONS
(Unit of Measure = mm)
12/22/15
Pin 1 ID
TOP VIEW
1.395±0.05
SIDE VIEW
0.45
0.175±0.0175
0.022±0.005
0.3±0.015
0.52 (MAX)
0.5±0.015
(0.25)
0.4475
+0.03
-0
Ø0.299±0.03 (8X)
BOTTOM VIEW
A
B
C
D
A
B
C
D
1
2
1
2
Pin Assignment Matrix
A
B
C
D
1
2
V
CC
GND
SO
CS
SCK
SI
WP
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com