Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 64Page - Dialog Semiconductor AT45DB021E Datasheet HTML 65Page - Dialog Semiconductor AT45DB021E Datasheet HTML 66Page - Dialog Semiconductor AT45DB021E Datasheet HTML 67Page - Dialog Semiconductor AT45DB021E Datasheet HTML 68Page - Dialog Semiconductor AT45DB021E Datasheet HTML 69Page - Dialog Semiconductor AT45DB021E Datasheet HTML 70Page - Dialog Semiconductor AT45DB021E Datasheet HTML 71Page - Dialog Semiconductor AT45DB021E Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
67
AT45DB021E
DS-AT45DB021E—8789J—03/2021
28.3 Ordering Codes (Binary Page Mode)
Notes: 1. The shipping carrier suffix is not marked on the device.
2. Parts ordered with suffix code ‘2B’ are shipped in tape and reel (T&R) with the page size set to 256 bytes.
This option is only available for shipping in T&R (-T).
3. Contact Dialog Semiconductor for availability.
28.4 Ordering Codes (Reserved)
Notes: 1. The shipping carrier suffix is not marked on the device.
2. Parts ordered with suffix code ‘HA’ are shipped in tape and reel (T&R) only with the page size set to 264
bytes.
3. Parts ordered with suffix code ‘HC’ are shipped in tape and reel (T&R) only with the page size set to 256
bytes.
Contact Dialog Semiconductor for a description of these ‘Reserved’ codes.
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHN2B-T 1,2
8S1
NiPdAu
1.65 V to 3.6 V
70 MHz
Industrial
(-40
°C to 85°C)
AT45DB021E-SHN2B-T 1,2
8S2
AT45DB021E-MHN2B-T 1,2
8MA1
AT45DB021E-UUN2B-T 1,2,3
CS2-8A
Package
Code
Description
8S1
8-lead 0.150" wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead 0.208" wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6 mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)
CS2-8A
8-ball 1.9 x 1.4 mm Wafer Level Chip Scale Package
DWF
Die in Wafer Form
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHNHA-T 1,2
8S1
NiPdAu
1.65 V to 3.6 V
70 MHz
Industrial
(-40
°C to 85°C)
AT45DB021E-SHNHA-T 1,2
8S2
AT45DB021E-SSHNHC-T 1,3
8S1
AT45DB021E-SHNHC-T 1,3
8S2
Package
Code
Description
8S1
8-lead 0.150" wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead 0.208" wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6 mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com